Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TF90N03 Datasheet(PDF) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF90N03
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF90N03 Datasheet(HTML) 3 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF90N03 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co TF90N03 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig.1 Power Dissipation
Fig.3 Threshold Voltage V.S Junction Temperature
Fig.4 Resistance V.S Drain Current
Fig.5 On-Resistance VS Drain Current
Fig.6 On-Resistance V.S Junction Temperature
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
Temperature (。C)
1.8
1.6
1.4
1.2
1.0
0
-50
50
150
Junction Temperature
15
12
9
6
3
0
Id-Drain Current
Vgs=10V
0.3
0.6
0.9
1.2
1.5
-50
0
50
Temperature
100
150
Shenzhen Tuofeng Semiconductor Technology Co., Ltd
N -CHANNEL ENHANCEMENT MODE POWER MOSFET
3
www.sztuofeng.com
Feb
2022 V1.0
Fig.2 Typical output Characteristics
0
100
200
300
0
0.5
1
1.5
2
Drain-Source voltage (V)
VGS=10V
VGS=4.5V
8
6
4
2
0
0
40
Drain Current(A)
80
Vgs=4.5V
10
20
30
40
0
TF90N03



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com