Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTH247 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTH247
Description  DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator Phototransistor Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTH247 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTH247 Datasheet HTML 1Page - CT Micro International Corporation CTH247 Datasheet HTML 2Page - CT Micro International Corporation CTH247 Datasheet HTML 3Page - CT Micro International Corporation CTH247 Datasheet HTML 4Page - CT Micro International Corporation CTH247 Datasheet HTML 5Page - CT Micro International Corporation CTH247 Datasheet HTML 6Page - CT Micro International Corporation CTH247 Datasheet HTML 7Page - CT Micro International Corporation CTH247 Datasheet HTML 8Page - CT Micro International Corporation CTH247 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CTH247 Series
DC Input 16-Pin Half Pitch Mini-Flat DMC-Isolator®
Phototransistor Optocoupler
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.2
ALL RIGHTS RESERVED.
Page 1
Mar, 2022
Features
High isolation 3750 VRMS
Patented coplanar structure DMC-Isolator®
Various CTR selection available
DC input with transistor output
Operating temperature range - 55 °C to 125 °C
RoHS and REACH Compliance
Halogen Free Compliance
Regulatory Approvals
UL - UL1577 (
E364000)
VDE - EN60747-5-5 (40048408)
CQC - GB4943.1, GB8898 (19001231772)
IEC62368 (FI/41119)
Description
The CTH247 series have four isolated channels, each
channel contains a photo transistor optically coupled to
an Infrared-emitting diode in a 16-lead half pitch
Mini-Flat DMC-Isolator® package.
Applications
DC-DC Converters
Programmable controllers
Telecommunication equipment
Hybrid substrates that require high density
mounting
Package Outline
Schematic


Similar Part No. - CTH247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTH20 ETC-CTH20 Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
CTH20R151S10A ETC-CTH20R151S10A Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
CTH20R151S10A-M ETC-CTH20R151S10A-M Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
CTH20R151S10A-TM ETC-CTH20R151S10A-TM Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
CTH20R271S10A ETC-CTH20R271S10A Datasheet
98Kb / 1P
CHIP TYPE FEED THROUGH CAPACITORS
More results

Similar Description - CTH247

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT357 CTMICRO-CT357 Datasheet
1Mb / 10P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CT1010 CTMICRO-CT1010 Datasheet
1Mb / 11P
DC Input 4-Pin Long Mini-Flat Phototransistor Optocoupler
CTH214CTH214 CTMICRO-CTH214CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH217 CTMICRO-CTH217 Datasheet
1Mb / 10P
DC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT357B1 CTMICRO-CT357B1 Datasheet
1Mb / 9P
DC Input 4-Pin Mini-Flat Phototransistor Optocoupler
CTH214A CTMICRO-CTH214A Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CTH214 CTMICRO-CTH214 Datasheet
1Mb / 10P
AC Input 4-Pin Half Pitch Mini-Flat Phototransistor Optocoupler
CT815 CTMICRO-CT815 Datasheet
1Mb / 14P
DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
Rev.4 Aug, 2022
CTM131 CTMICRO-CTM131 Datasheet
1Mb / 10P
DC Input 5-Pin Mini-Flat Phototransistor Optocoupler
Rev 0.2 Dec, 2018
CTP17 CTMICRO-CTP17 Datasheet
1Mb / 12P
DC 4-Pin DFN DMC-Isolator® Phototransistor Optocoupler
Rev.2 Aug, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com