Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8961-F04 Datasheet(PDF) 2 Page - IBM

Part # 8961-F04
Description  IBM Storage Networking SAN256B-6 delivers network innovation for the virtualized, all-flash data center
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IBM [IBM]
Direct Link  http://www.ibm.com
Logo IBM - IBM

8961-F04 Datasheet(HTML) 2 Page - IBM

  8961-F04 Datasheet HTML 1Page - IBM 8961-F04 Datasheet HTML 2Page - IBM 8961-F04 Datasheet HTML 3Page - IBM 8961-F04 Datasheet HTML 4Page - IBM 8961-F04 Datasheet HTML 5Page - IBM 8961-F04 Datasheet HTML 6Page - IBM 8961-F04 Datasheet HTML 7Page - IBM 8961-F04 Datasheet HTML 8Page - IBM 8961-F04 Datasheet HTML 9Page - IBM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IBM United States Hardware Announcement 116-076
IBM is a registered trademark of International Business Machines Corporation
2
demands, organizations need to deploy infrastructure that can deliver greater
consistency, predictability, and performance. Legacy infrastructures, however,
were not designed to support the performance requirements of evolving workloads
and flash-based storage technology. In fact, an aging network will impede the
performance of an all-flash data center.
A new approach to storage networking is needed to enable databases, virtual
servers, desktops, and critical applications, and to unlock the full capabilities
of flash. By treating the network as a strategic part of a storage environment,
organizations can maximize their productivity and efficiency as they rapidly scale
their environments.
IBM Storage Networking SAN256B-6 director with Fabric Vision technology
combines innovative hardware, software, and built-in instrumentation to ensure
the industry's highest level of operational stability while redefining application
performance. SAN256B-6 delivers a modular building block for increased scalability
to accommodate growth for large-scale enterprise infrastructures.
Fabric Vision technology enhances visibility into the health of storage environments,
delivering greater control and insight to quickly identify problems and achieve
critical service level agreements (SLAs). Breakthrough 32/128 Gbps performance
shatters application performance barriers and enables support for more than 1
billion IOPSÂ for flash-based storage workloads. With diverse deployment options,
organizations can smoothly adapt and optimize their businesses to meet next-
generation storage requirements.
Key prerequisites
The IBM Storage Networking b-type SAN switch and director family supports Fibre
Channel connectivity for servers and storage. IBM Storage Networking SAN256B-6
(8961-F04) supports all features and functions listed and require Fabric OS level
8.0.1, or later.
For a list of supported servers and storage systems, refer to the Hardware
requirements section.
Planned availability date
November 11, 2016
Description
IBM Storage Networking SAN256B-6 director with Fabric Vision technology combines
innovative hardware, software, and built-in instrumentation to ensure high levels of
operational stability while redefining application performance. SAN256B-6 delivers
a modular building block for increased scalability to accommodate growth for large-
scale enterprise infrastructures.
Fabric Vision technology enhances visibility into the health of storage environments,
delivering greater control and insight to quickly identify problems and achieve
critical SLAs. Breakthrough 32/128 Gbps performance shatters application
performance barriers and delivers support for more than one billion IOPSÂ for
flash-based storage workloads. With diverse deployment options, organizations can
seamlessly adapt and optimize their businesses to meet next-generation storage
requirements.
Purpose-built for enterprise deployments
Designed to meet relentless growth and mission-critical application demands,
SAN256B-6 director is an ideal platform for midsized networks that require
increased capacity, greater throughput, and higher levels of resiliency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com