Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSA Datasheet(PDF) 2 Page - 3M Electronics

Part # TSA
Description  Film Applicators for Textured Surfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TSA Datasheet(HTML) 2 Page - 3M Electronics

  TSA Datasheet HTML 1Page - 3M Electronics TSA Datasheet HTML 2Page - 3M Electronics TSA Datasheet HTML 3Page - 3M Electronics TSA Datasheet HTML 4Page - 3M Electronics TSA Datasheet HTML 5Page - 3M Electronics TSA Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PB-IB TSA & CMP Tools - 2
General Usage Guidelines
Use High Temperature
Heat Gun
Use with a high temperature, electronically-controlled heat gun capable of reaching at least
1000
°F (538°C), and use only the 3M films recommended for textured walls. See
Instruction Bulletin 5.37 for additional details.
Use Good Physical Form
For maximum comfort and effective use of the applicators, always:
• Grip the applicator as shown.
• Hold the applicator as though it is an extension of your arm to reduce stress on your
wrist.
• Keep the applicator perpendicular to the surface.
• Use full arm movements.
Use Current Instruction Bulletin
Refer to the most current version of Instruction Bulletin 5.37 for detailed instructions to help
ensure a successful application.
Prevent trapping air. Always work toward an open edge through which the trapped air can
escape. NEVER work from the edge to the center or from an open edge to a sealed edged,
such as at a panel overlap.
Don't move too quickly. When working with rollers, the most common application error is
moving too fast. Try moving at about 2 inches per second at first and adjust as needed.
Test each surface. Do a test application on each unique surface to adjust your technique
and use the right tool for maximum success.
3M
t Textured Surface
Applicator TSA-1
Use for conforming large areas of film
onto a textured surface.
1. Wear a heat-resistant glove on the hand that holds
applicator TSA-1.
2. Gently tack the top few inches of the film to the
substrate. Use tapping motion with your fingers or
lightly roll it, without heat, using applicator TSA-1.
3. Set the heat gun to the temperature specified in
Instruction Bulletin 5.37.
To set edges, quickly and lightly pass the TSA-1 tool
and the heat gun over the edges of the film to set the
edges, but do not seal or conform the film; it is critical
that air have an escape path during installation. This is
especially recommended when using overlaminate
8524.
4. Direct the heat gun toward the top corner of the
graphic. Heat the film until warm, which usually
takes only about 2 seconds and immediately begin
rolling the film with the applicator TSA-1. Notice
that the roller is positioned about 2 inches above
the top edge of the graphic for the first pass.
5. With the applicator closely following the heat gun,
move continuously at about 2 inches per second
and completely past the outer open edge of the
graphic.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com