Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MRW Datasheet(PDF) 1 Page - TDK Electronics

Part # MRW
Description  Power Supplies AC Input Multi Output, General-Purpose
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MRW Datasheet(HTML) 1 Page - TDK Electronics

  MRW Datasheet HTML 1Page - TDK Electronics MRW Datasheet HTML 2Page - TDK Electronics MRW Datasheet HTML 3Page - TDK Electronics MRW Datasheet HTML 4Page - TDK Electronics MRW Datasheet HTML 5Page - TDK Electronics MRW Datasheet HTML 6Page - TDK Electronics MRW Datasheet HTML 7Page - TDK Electronics MRW Datasheet HTML 8Page - TDK Electronics MRW Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Power Supplies
MRW Series
AC Input
Multi Output, General-Purpose
FEATURES
• This series of light weight power supplies handles a wide range
of source voltages(not used for switching between AC.100 and
200V) and provides multiple output voltages.
• Open frame.
• MRW-140, MRW-150, MRW-151, MRW-160 and MRW-161
types are equipped with operation indicator lights.
• These low noise power supplies are FCC class B compliant.
PART NUMBERS AND RATINGS
Total output power(sum of the respective[output voltage
× output current] values) can not exceed this maximum output power.
Part No.
Maximum output power
(W)
Output voltage1V1
Output voltage2 V2
Output voltage3 V3
Voltage(V) Current(A)
Voltage (V) Current (A)
Voltage (V) Current (A)
MRW-140
25.4
+5
0.2 to 1
+12
0.3 to 1.7
MRW-130
25.5
+5
0.5 to 1.5
+12
0.3 to 1.5[1.7, 10s]
MRW-135
28
+5
0.5 to 2
+12
0.3 to 1.5[2.5, 3s]
MRW-150
35
+5
1 to 2.2[Max.4]
+12
0.6 to 1.8[Max.2.5]
–12
0 to 0.1[Max.0.3]
MRW-151
35
+5
1 to 2.2[Max.4]
+15
0.5 to 1.4[Max.2]
–15
0 to 0.1[Max.0.25]
MRW-350
40
+5
0.5 to 3
+12
0.3 to 2
–12
0 to 0.1
MRW-351
40
+5
0.5 to 3
+15.6
0.3 to 1.6
–15
0 to 0.1
MRW-352
40
+3.3
0.5 to 4
+12
0.3 to 2
–12
0 to 0.1
MRW-160
50
+5
1 to 5[Max.6]
+12
0.6 to 2[Max.2.5]
–12
0 to 0.1[Max.0.5]
MRW-161
50
+5
1 to 5[Max.6]
+15
0.5 to 1.5[Max.2]
–15
0 to 0.1[Max.0.4]
MRW-170
65
+5
0.8 to 5[Max.7]
+12
0.3 to 1.7[Max.2.5]
–12
0.3 to 0.7[Max.2.5]
MRW-171
65
+5
0.8 to 5[Max.7]
+15.8
0.3 to 1.3[Max.2]
–15.8
0.3 to 1.3[Max.2]


Similar Part No. - MRW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10-110D12 WALL-MRW10-110D12 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10-110D15 WALL-MRW10-110D15 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10-110S05 WALL-MRW10-110S05 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10-110S12 WALL-MRW10-110S12 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
More results

Similar Description - MRW

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HVI51 HITRON-HVI51 Datasheet
313Kb / 2P
UNIVERSAL INPUT AC-DC MULTI-OUTPUT 51 WATTS INTERNAL SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
LS25 RSG-LS25 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS300A-600 TDK-SWS300A-600 Datasheet
308Kb / 2P
Single Output General Purpose Power Supplies
SWS50 TDK-SWS50 Datasheet
487Kb / 2P
Single Output General Purpose Power Supplies
LS25-3.3 TDK-LS25-3.3 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
LS20024 TDK-LS20024 Datasheet
271Kb / 2P
Single Output 150 - 200W General Purpose Power Supplies
SWS755 TDK-SWS755 Datasheet
110Kb / 2P
Single Output General Purpose Power Supplies
logo
Eutech Microelectronics...
EUP2683 EUTECH-EUP2683 Datasheet
1Mb / 1P
Multi-Output Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com