Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATO25F1GC-30EC Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 18Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 19Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 25Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.3
Read Identification (RDID)
The READ ID command is used to read the 2 bytes of identifier code programmed into the NAND
Flash device. The READ ID command reads a 2-byte table (see below) that includes the
Manufacturer ID and the device configuration.
Manufacturer identification (one byte)
Device identification (one byte)
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress is not
decoded, and has no effect on the cycle that is in progress.
The instruction sequence is shown in Figure 10
The Read Identification (RDID) instruction is terminated by driving Chip Select (CS#) High at
any time during data output.
When Chip Select (CS#) is driven High, the device is put in the Standby Power mode. Once in
the Standby Power mode, the device waits to be selected, so that it can receive, decode and
execute instructions.
Table 4.
Read Identification (RDID) data-out sequence
Instruction
Manufacturer Identification
Device Identification
9Fh
9Bh
12h
Figure 10.
Read Identification (RDID) instruction sequence and data-out sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com