Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MX23L1614 Datasheet(PDF) 2 Page - Macronix International

Part # MX23L1614
Description  16M-BIT MASK ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L1614 Datasheet(HTML) 2 Page - Macronix International

  MX23L1614 Datasheet HTML 1Page - Macronix International MX23L1614 Datasheet HTML 2Page - Macronix International MX23L1614 Datasheet HTML 3Page - Macronix International MX23L1614 Datasheet HTML 4Page - Macronix International MX23L1614 Datasheet HTML 5Page - Macronix International MX23L1614 Datasheet HTML 6Page - Macronix International MX23L1614 Datasheet HTML 7Page - Macronix International MX23L1614 Datasheet HTML 8Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
P/N:PM0726
REV. 2.1, MAR. 28, 2003
MX23L1614
48 Mini BGA (Top View, Ball Down)
ORDER INFORMATION
Part No.
Speed
Package
Grade
MX23L1614TI-70
70ns
48 pin TSOP
Industrial
MX23L1614TI-90
90ns
48 pin TSOP
Industrial
MX23L1614TI-10
100ns
48 pin TSOP
Industrial
MX23L1614XI-70
70ns
48 ball mini BGA
Industrial
MX23L1614XI-90
90ns
48 ball mini BGA
Industrial
MX23L1614XI-10
100ns
48 ball mini BGA
Industrial
A1
A13
B1
A14
C1
A15
D1
A16
E1
VCCQ
F1
GND
A2
A11
B2
A10
C2
A12
D2
D14
E2
D15
F2
D7
A3
A8
B3
NC
C3
A9
D3
D5
E3
D6
F3
D13
A4
NC
B4
NC
C4
NC
D4
D11
E4
D12
F4
D4
A5
NC
B5
A18
C5
NC
D5
D2
E5
D3
F5
VCC
A6
A19
B6
A17
C6
A6
D6
D8
E6
D9
F6
D10
A7
A7
B7
A5
C7
A3
D7
CE#
E7
D0
F7
D1
A8
A4
B8
A2
C8
A1
D8
A0
E8
GND
F8
OE#
8.0 mm
6.0 mm
Note: Industrial grade temperature: -40 ~ 85
° C
Commercial grade temperature: 0 ~ 70
° C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com