Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT75XX-1 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT75XX-1
Description  100mA Low Power LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT75XX-1 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT75XX-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT75XX-1 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3-pin SOT-89 Outline Dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
173
¾
181
B64
¾
72
C90
¾
102
D35
¾
47
E
155
¾
167
F14
¾
19
G17
¾
22
H
¾
59
¾
I55
¾
63
J14
¾
17
HT75XX-1
Rev. 1.50
8
January 12, 2006
A
E
B
C
D
H
G
F
I
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com