Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MX25L1602 Datasheet(PDF) 2 Page - Macronix International

Part # MX25L1602
Description  16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L1602 Datasheet(HTML) 2 Page - Macronix International

  MX25L1602 Datasheet HTML 1Page - Macronix International MX25L1602 Datasheet HTML 2Page - Macronix International MX25L1602 Datasheet HTML 3Page - Macronix International MX25L1602 Datasheet HTML 4Page - Macronix International MX25L1602 Datasheet HTML 5Page - Macronix International MX25L1602 Datasheet HTML 6Page - Macronix International MX25L1602 Datasheet HTML 7Page - Macronix International MX25L1602 Datasheet HTML 8Page - Macronix International MX25L1602 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
P/N: PM0819
REV. 1.0, MAR. 04, 2003
MX25L1602
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
CS
Chip Select
TEST(1)
Test Mode Select
SI
Serial Data Input
SO
Serial Data Output
SCLK
Clock Input
VCC
+ 3.3V Power Supply
GND
Ground
DU(2)
Do Not Use(for Test Mode only)
NC
No Internal Connection
PIN DESCRIPTION
28-PIN SOP (330 mil)
Note:
1.TEST input is used for in-house testing and must be tied
to ground during normal user operation.
2.DU pin is used for in-house testing and can be tied to
VCC, GND or open for normal operation.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
TEST
DU
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
GND
VCC
NC
NC
NC
SI
SO
CS
SCLK
NC
NC
NC
NC
GENERAL DESCRIPTION
The MX25L1602 is a CMOS 16,777,216 bit serial Flash
EEPROM, which is configured as 2,097,152 x 8 internally.
The MX25L1602 features a serial peripheral interface and
software protocol allowing operation on a simple 3- wire
bus. The three bus signals are a clock input (SCLK), a
serial data input (SI), and a serial data output (SO). SPI
access to the device is enabled by CS input.
The MX25L1602 provide sequential read operation on
whole chip. The sequential read operation is executed on
a segment (512 byte) basis. User may start to read from
any byte of the segment. While the end of the segment is
reached, the device will wrap around to the beginning of the
segment and continuously outputs data until CS goes high.
After program/erase command is issued, auto program/
erase algorithms which program/erase and verify the
specified page locations will be executed. Program
command is executed on a page (128 bytes) basis, and
erase command is executed on both chip and sector (8K
bytes) basis.
To provide user with ease of interface, a status register is
included to indicate the status of the chip. The status read
command can be issued to detect completion and error
flag status of a program or erase operation.
When the device is not in operation and CS is high, it is put
in standby mode and draws less than 30uA DC current.
The MX25L1602 utilizes MXIC's proprietary memory cell
which reliably stores memory contents even after 100,000
program and erase cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com