Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI49FCT3802LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT3802LE
Description  1:5/1:7 Clock Buffer for Networking Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3802LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3802LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3802LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3802LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3802LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3802LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3802LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8559A
09/14/04
PI49FCT3802/PI49FCT3803
1:5/1:7 Clock Buffers
for Networking Applications
Storage Temperature...........................................................–65°C to +150°C
VDD Voltage ............................................................................–0.5V to 5.5V
Output Voltage......................................................................... –0.5V to 5.5V
Input Voltage ........................................................................... –0.5V to 5.5V
DC Output Current............................................................–60mA to +60mA
Power Dissipation .............................................................................500mW
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximumratingconditionsforextendedperiodsmay
affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, +25°C ambient and maximum loading.
3. VOH = VDD– 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Operating Range
VDD Voltage ...............................................................................3.3V ± 0.3V
Commercial Temperature.........................................................0°C to +70°C
Industrial Temperature .........................................................–40°C to +85°C
Input Frequency ...................................................................DC to 156 MHz
Capacitive Loading .................................................................. 10pF to 50pF
DC Electrical Characteristics (Over the Operating Range)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level (Input Pins)
2.0
5.5
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level (Input Pins)
-0.5
0.8
IIH
Input HIGH Current
VDD = Max.
VIN = VDD
1
µA
IIL
Input LOW Current
VDD = Max.
VIN = GND
-1
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18mA
-0.7
-1.2
V
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –0.1mA
VDD-0.2
IOH = –12mA
2.4(3)
3.0
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOH = 0.1mA
0.2
IOH = 12mA
0.3
0.5
IOH
Output HIGH Current
VDD = 3.0V, VIN = VIH OR VIL, VOUT = 1.5V(4)
-45
-75
-180
mA
IOL
Output LOWCurrent
VDD = 3.0V, VIN = VIH OR VIL, VOUT = 1.5V(4)
50
92
200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com