Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGAP2SCMTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGAP2SCMTR
Description  STGAP2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2SCMTR Datasheet(HTML) 3 Page - STMicroelectronics

  STGAP2SCMTR Datasheet HTML 1Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 2Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 3Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 4Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 5Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 6Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 7Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 8Page - STMicroelectronics STGAP2SCMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pin description and connection diagram
Figure 3. Pin connection (top view), separated outputs option
1
3
2
IN+
GON
5
7
6
8
VH
4
VDD
GND
IN-
GOFF
GNDISO
Figure 4. Pin connection (top view), single output and Miller clamp option
1
3
2
IN+
GOUT
5
7
6
8
VH
4
VDD
GND
IN-
CLAMP
GNDISO
Table 1. Pin description
Pin no.
Pin name
Type
Function
Figure 3
Figure 4
1
1
VDD
Power supply
Driver logic supply voltage.
2
2
IN+
Logic input
Driver logic input, active high.
3
3
IN-
Logic input
Driver logic input, active low
4
4
GND
Power supply
Driver logic ground.
5
5
VH
Power supply
Gate driving positive voltage supply.
-
6
GOUT
Analog output
Sink/source output.
-
7
CLAMP
Analog output
Active Miller clamp.
6
-
GON
Analog output
Source output.
7
-
GOFF
Analog output
Sink output.
8
8
GNDISO
Power supply
Gate driving Isolated ground.
STGAP2S
Pin description and connection diagram
DS12541 - Rev 3
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com