Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PR19 Datasheet(PDF) 4 Page - CUI INC

Part # PR19
Description  POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PR19 Datasheet(HTML) 4 Page - CUI INC

  PR19 Datasheet HTML 1Page - CUI INC PR19 Datasheet HTML 2Page - CUI INC PR19 Datasheet HTML 3Page - CUI INC PR19 Datasheet HTML 4Page - CUI INC PR19 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | SERIES: PR19 | DESCRIPTION: POWER RELAY
date 08/09/2022 | page 4 of 5
cuidevices.com
CHARACTERISTIC CURVES
12
8
4
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
100
50
30
10
5
02
46
81012
10
5
1
0203050
100
200
300
40
Coil Power (W)
Operate
Release
Coil Power (W)
Contact Current (A)
120VAC Resistive
250VAC Resistive
Contact Voltage (V)
DC Resistive
AC Resistive
Time Curve
Coil Temperature Rise
Life Curve
Maximum Switching Power
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com