Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SUCS32405 Datasheet(PDF) 2 Page - COSEL CO., LTD.

Part # SUCS32405
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUCS32405 Datasheet(HTML) 2 Page - COSEL CO., LTD.

  SUCS32405 Datasheet HTML 1Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 2Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 3Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 4Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 5Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 6Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 7Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 8Page - COSEL CO., LTD. SUCS32405 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Functions
1.1 Input Voltage Range
¡
If output voltage value doesn’t fall within specifications, a unit may
not operate in accordance with specifications and/or fail.
1.2 Overcurrent Protection
¡
Overcurrent Operation
An overcurrent protection circuit is built-in and activated over
105% of the rated current or above. It prevents the unit from short
circuit and overcurrent for less than 20 seconds. The unit auto-
matically recovers when the fault condition is removed.
¡
Current Foldback Characteristic
If a model that has a current foldback characteristic is connected
to a non-linear load such as lamp or motor, or to a constant cur-
rent load, it may not start up. Please see the characteristics be-
low.
: Characteristic of Load (Lamp, Motor or Constant
Current Load, etc.)
: Load Characteristic of Power Supply
A
V
100
Load Factor [%]
Note : The output may be locked out at Point A when the unit is
connected to a lamp, motor or constant current load.
Fig.1.1 Current Foldback Characteristic
1.3 Isolation
¡
When you run a Hi-Pot test as receiving inspection, gradually in-
crease the voltage to start. When you shut down, decrease the
voltage gradually by using a dial. Please avoid a Hi-Pot tester
with a timer because, when the timer is turned ON or OFF, it may
generate a voltage a few times higher than the applied voltage.
¡
In the case of use in locations exposed to constant voltage be-
tween the input and the output of the unit is applied, please con-
tact us.
1.4 Output Voltage Adjustment Range
¡
The output voltage is adjustable through an external potentiom-
eter. Adjust only within the range of ±5% of the rated voltage.
¡
To increase the output voltage, turn the potentiometer clockwise
and connect in such a way that the resistance value between 2
and 3 becomes small.
To decrease the output voltage, turn the potentiometer counter-
clockwise.
¡
Please use a wire as short as possible to connect to the potenti-
ometer and connect it from the pin terminal on the power supply
side. Temperature coefficient deteriorates when some types of
resistors and potentiometers are used. Please use the following
types.
Resistor..............Metal Film Type, Temperature Coefficient of ±100ppm/C or below
Potentiometer...Cermet Type, Temperature Coefficient of ±300ppm/C or below
¡
If output voltage adjustment is not required, open the pin terminal
TRM.
¡
In the case of dual output, ±voltages are adjusted simultaneously.
R2
External Resistor
External VR
R1
External Resistor
Output
TRM
-Vout
+Vout
3
1
2
Load
Fig.1.2 Connecting External Devices
Table 1.1 List of External Devices
Item # Output Voltage
Constant of External Device [W]
(Adjustable within ±5%)
VR
R1
R2
1
3.3V
1K
100
100
2
5V
1K
100
270
3
12V
5K
10K
1.2K
4
15V
5K
10K
470
5
±12V
5K
18K
470
6
±15V
5K
18K
470
1.5 Remote ON/OFF (Excluding 1R5)
¡
You can turn the power supply ON or OFF without turning the in-
put power ON or OFF through the pin terminal RC.
(1) SU/SUC3/SUT3 and SU/SUC6/SUT6
¡
The output of the power supply turns ON when the pin terminal
RC is connected to the pin terminal -Vin. When the voltage of the
pin terminal RC is between 2.0 to 9.0V, the output of the power
supply goes OFF.
¡
When the voltage of the pin terminal RC is between 0.3 to 2.0V,
the output voltage value may be an uncertain value which is less
than the rated voltage.
¡
Please see the following diagram for how to use the pin terminal
RC.
-Vin
+Vin
RC
2.2K
47K
External
Circuit
Control
Circuit
Fig.1.3 Internal Circuits of Remote ON/OFF
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-52
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com