Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LEOAC14 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEOAC14
Description  Rad-hard plastic Hex inverter with Schmitt trigger input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC14 Datasheet(HTML) 1 Page - STMicroelectronics

  LEOAC14 Datasheet HTML 1Page - STMicroelectronics LEOAC14 Datasheet HTML 2Page - STMicroelectronics LEOAC14 Datasheet HTML 3Page - STMicroelectronics LEOAC14 Datasheet HTML 4Page - STMicroelectronics LEOAC14 Datasheet HTML 5Page - STMicroelectronics LEOAC14 Datasheet HTML 6Page - STMicroelectronics LEOAC14 Datasheet HTML 7Page - STMicroelectronics LEOAC14 Datasheet HTML 8Page - STMicroelectronics LEOAC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
Schmitt trigger input
6 V max. operating
7 V max. rating
Nickel/palladium/gold-lead-finished (NiPdAu), whisker-free
Gold-wires
RML <1% and CVCM <0.1% guaranteed outgassing
50 krad (Si) total ionizing dose
SEL-free up to 62.5 MeV.cm²/mg
Mass: 80 mg
Compliant with ST-LEO-specification
Application
Low earth orbit (LEO) applications
Description
The LEOAC14 is a CMOS low power hex inverter qualified for use in aerospace
environments. It operates from 2 V to 6 V power supply (7 V absolute maximum
ratings). Each operator features a Schmitt trigger input that is capable of transforming
slowly changing input signals into sharp output signals.
The LEOAC14 can operate over a large temperature range of -40 °C to +125 °C and
it is housed in a plastic TSSOP-20, thin-shrink small outline package, 20 leads, using
gold-wires and nickel/palladium/golden-lead-finishing to prevent whiskers.
The LEOAC14 is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off between footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.
Product status link
LEOAC14
Rad-hard plastic Hex inverter with Schmitt trigger input
LEOAC14
Datasheet
DS13638 - Rev 5 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEOAC14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results

Similar Description - LEOAC14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
Hex Inverter with Schmitt Trigger Input
logo
STMicroelectronics
M54HC04 STMICROELECTRONICS-M54HC04_04 Datasheet
105Kb / 8P
RAD-HARD HEX INVERTER
Mar-2004
M54HC14 STMICROELECTRONICS-M54HC14_04 Datasheet
105Kb / 8P
RAD-HARD HEX SCHMITT INVERTER
Mar-2004
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com