Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RHFLVDSR2D2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFLVDSR2D2
Description  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFLVDSR2D2 Datasheet HTML 3Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 4Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 5Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 6Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 7Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 8Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 9Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 10Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID025372 Rev 3
7/17
RHFLVDSR2D2
Electrical characteristics
17
tPHLD
Propagation delay time, high to
low output
Load: refer to Figure 3
0.5
1.5
ns
tPLHD
Propagation delay time, low to
high output
0.5
1.5
t r
Differential output signal rise
time
0.8
t f
Differential output signal fall
time
0.8
tSK1
Channel-to-channel skew(2)
0.28
tSK2
Chip-to-chip skew(3)(4)
0.7
tSKD
Differential skew(5)
(tPHLD-tPLHD)
0.3
tPHZ
Propagation delay time, high
level to high impedance output
Load: refer to Figure 4
2.8
tPLZ
Propagation delay time, low
level to high impedance output
2.8
tPZH
Propagation delay time, high
impedance to high level output
2.5
tPZL
Propagation delay time, high
impedance to low level output
2.5
Receiver
VTL
Differential input low threshold
VCM = 1.2 V
-100
mV
-4 V < VCM < +5 V
-130
VTH
Differential input high threshold
VCM = 1.2 V
+100
-4 V < VCM < +5 V
+130
VCL
TTL input clamp voltage
ICL = 18 mA
1.5
V
VCMR
Common mode voltage range
VID = 200 mVp-p
- 4
+5
VCMREJ
Common mode rejection(6)
F = 10 MHz
300
mVp-p
IID
Differential Input current
VID = 400 mVp-p
-10
10
µA
IICM
Common mode Input current
VIC = - 4 V to + 5 V
-70
70
VOH
Output voltage high
IOH = -0.4 mA, VCC = 3 V
2.7
V
VOL
Output voltage low
IOL = 2 mA, VCC = 3 V
0.25
IOS
Output short circuit current
VOUT = 0 V
-90
-30
mA
IOZ
Output tri-state current
Disabled, VOUT = 0 V or VCC
-10
10
µA
CIN
Input capacitance
IN+ or IN- to GND
3
pF
Rout
Output resistance
45
W
Table 7. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com