Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STHV1600 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STHV1600
Description  16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV1600 Datasheet(HTML) 2 Page - STMicroelectronics

  STHV1600 Datasheet HTML 1Page - STMicroelectronics STHV1600 Datasheet HTML 2Page - STMicroelectronics STHV1600 Datasheet HTML 3Page - STMicroelectronics STHV1600 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
differential or rail-to-rail single-ended digital inputs (e.g. LVDS, LVPECL, VML,
CML or CMOS)
Applications
Medical ultrasound imaging
Pulse waveform generators
NDT ultrasound transmission
Piezoelectric transducer drivers
Description
This monolithic, high-speed transmitter features 16 independent channels with built-
in digital beamforming, that generates 5-Level high voltage pulses (up to ±100 V)
suitable to excite multiple channels of an ultrasound transducer.
Each analog channel structure integrates an active RTZ circuit (Clamp) and a T/R
switch guaranteeing high OFF isolation between the high-voltage transmitter and the
low-voltage receiver when the pulser is transmitting. T/R switches turn ON while
receiving echo signals connecting the transducer to the receiver.
Each channels host two independent half bridges (TX0 and TX1) capable of up to
±2A peak output current in 3 or 5 levels configuration. These half bridges can be put
in parallel so to provide 3-level profiles up to ±4A current capability on all 16 outputs.
Anti-leakage, anti-memory block, thermal sensors and recirculation current protection
features complete the architecture.
Beamforming in ultrasound transmission has traditionally been implemented using
analog delay lines. The STHV1600 embeds a digital beamforming mode allowing to
program accurate steering of all channels with a resolution as low as 5ns: the signal
from each individual transducer element is properly delayed in order to steer the
beam in the desired direction.
Both the digital state machine and serial communication interface can be clocked up
to 200MHz with differential or rail-to-rail single-ended embedded options.
A generous memory allows to store several patterns to drive output channels with
desired code excitation. Suitable registers allow handling of all device operations in
the proper sequence and managing device diagnostic features.
Twelve low voltage capacitors are embedded in the package to reduce the external
BoM.
STHV1600 is available in a 10mm x 10mm x 1.4mm 144 pins 0.8mm pitch LFBGA
package and is specified for operation from 0°C to 80°C.
STHV1600
DB3667 - Rev 2
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com