Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS40A45CHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS40A45CHR
Description  Rad-Hard 2 x 20 A - 45 V Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40A45CHR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS40A45CHR Datasheet HTML 1Page - STMicroelectronics STPS40A45CHR Datasheet HTML 2Page - STMicroelectronics STPS40A45CHR Datasheet HTML 3Page - STMicroelectronics STPS40A45CHR Datasheet HTML 4Page - STMicroelectronics STPS40A45CHR Datasheet HTML 5Page - STMicroelectronics STPS40A45CHR Datasheet HTML 6Page - STMicroelectronics STPS40A45CHR Datasheet HTML 7Page - STMicroelectronics STPS40A45CHR Datasheet HTML 8Page - STMicroelectronics STPS40A45CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Pin2 : K
Pin3 : A2
Pin1 : A1
Features
Forward current: 2 x 20 A
Repetitive peak reverse voltage: 45 V
Low forward voltage drop: 0.61 V max. at 40 A / 125°
dV/dt up to 10 kV/µs
Monolithic dual die - common cathode
Hermetic package
TID and SEE characterized
Package mass: 9.4 g
ESCC qualified: 5106/024
Description
The STPS40A45CHR is packaged and screened to comply with the ESCC5000
specification for aerospace products. It is a dual monolithic Schottky rectifier
assembled in an TO-254AA hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device will be available from the European
Space Agency web site. ST will guarantee full compliance of qualified parts with the
ESCC detailed specification.
Product status link
STPS40A45CHR
Product summary
IF(AV)
2 x 20 A
VRRM
45 V
Tj(max)
175 °C
VF(max) at 2 x 20
A / 125 °C
0.61 V
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
STPS40A45CHR
Datasheet
DS13193 - Rev 1 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS40A45CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHY1 STMICROELECTRONICS-STPS40A150CHY1 Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHYG STMICROELECTRONICS-STPS40A150CHYG Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHYT STMICROELECTRONICS-STPS40A150CHYT Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
More results

Similar Description - STPS40A45CHR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com