Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STRH12P10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STRH12P10
Description  Rad-Hard 100 V, 12 A, P-channel Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH12P10 Datasheet(HTML) 2 Page - STMicroelectronics

  STRH12P10 Datasheet HTML 1Page - STMicroelectronics STRH12P10 Datasheet HTML 2Page - STMicroelectronics STRH12P10 Datasheet HTML 3Page - STMicroelectronics STRH12P10 Datasheet HTML 4Page - STMicroelectronics STRH12P10 Datasheet HTML 5Page - STMicroelectronics STRH12P10 Datasheet HTML 6Page - STMicroelectronics STRH12P10 Datasheet HTML 7Page - STMicroelectronics STRH12P10 Datasheet HTML 8Page - STMicroelectronics STRH12P10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
TC= 25 °C unless otherwise specified
Table 1. Absolute maximum ratings (pre-irradiation)
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
100
V
VGS
Gate-source voltage
±18
V
ID(1)
Drain current (continuous) at Tcase = 25 °C
12
A
Drain current (continuous) at Tcase = 100 °C
7.5
A
IDM(2)
Drain current (pulsed)
48
A
PTOT
Total power dissipation at Tcase = 25 °C
75
W
dv/dt(3)
Peak diode recovery voltage slope
2.4
V/ns
Tstg
Storage temperature range
-55 to 150
°C
Tj
Max. operating junction temperature range
150
°C
1. Rated according to the Rthj-case + Rthc-s
2. Pulse width limited by safe operating area.
3. ISD ≤ 12 A, di/dt ≤ 36 A/μs, VDD = 80 %V(BR)DSS.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
1.47
°C/W
Rthc-s
Thermal resistance case-sink typ.
0.20
°C/W
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
6
A
EAS(1)
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V) at 110 °C
112
mJ
EAR
Repetitive pulse avalanche energy
(VDS = 50 V, IAR = 6 A, f = 10 KHz,
TJ = 25 °C, duty cycle = 50%)
17
mJ
Repetitive pulse avalanche energy
(VDS = 50 V, IAR = 6 A, f = 10 KHz,
TJ = 110 °C, duty cycle = 50%)
5.5
mJ
1. Maximum rating value.
STRH12P10
Electrical ratings
DS8699 - Rev 9
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com