Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH60200CHR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH60200CHR
Description  Rad-Hard 60 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60200CHR Datasheet(HTML) 5 Page - STMicroelectronics

  STTH60200CHR Datasheet HTML 1Page - STMicroelectronics STTH60200CHR Datasheet HTML 2Page - STMicroelectronics STTH60200CHR Datasheet HTML 3Page - STMicroelectronics STTH60200CHR Datasheet HTML 4Page - STMicroelectronics STTH60200CHR Datasheet HTML 5Page - STMicroelectronics STTH60200CHR Datasheet HTML 6Page - STMicroelectronics STTH60200CHR Datasheet HTML 7Page - STMicroelectronics STTH60200CHR Datasheet HTML 8Page - STMicroelectronics STTH60200CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Figure 5. Typical reverse recovery time versus dIF/dt
0
20
40
60
80
100
0
100
200
300
400
500
IF = 30 A
VR = 160 V
Tj=125 °C
dIF/dt(A/µs)
trr(ns)
Figure 6. Typical reverse recovery charges versus dIF/dt
0
100
200
300
400
500
600
700
0
100
200
300
400
500
dIF/dt(A/µs)
Q
RR
(nC)
IF = 30 A
VR = 160 V
Tj=125 °C
Figure 7. Typical junction capacitance versus reverse voltage applied
10
100
1000
1
10
100
1000
C(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
VR(V)
STTH60200CHR
Characteristics (curves)
DS12587 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com