Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF2L27015CG2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RF2L27015CG2
Description  15 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L27015CG2 Datasheet(HTML) 3 Page - STMicroelectronics

  RF2L27015CG2 Datasheet HTML 1Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 2Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 3Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 4Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 5Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 6Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 7Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 8Page - STMicroelectronics RF2L27015CG2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, IDS = 100 µA
60
V
IDSS
Zero-gate voltage drain current
VGS = 0 V, VDS = 28 V
1
μA
VGS = 0 V, VDS = 50 V
IGSS
Gate-body leakage current
VGS = -6/10 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = 28 V, IDS = 600 μA
1.75
2.50
V
VDS = 1 V, IDS = 600 μA
VGS(Q)
Gate quiescent voltage
VDS = 1 V, IDS = 180 mA
2.65
V
VDS(on)
Static drain-source on-voltage
VGS = 10 V, IDS = 0.18 A
150
mV
VGS = 10 V, IDS = 0.75 A
650
IDS(on)
Static drain-source on-current
VGS = 10 V, VDS = 100 mV
2.5
A
RDS(on)
Static drain-source on-resistance
VGS = 10 V, IDS = 0.18 A
1
Ω
VGS = 10 V, IDS = 0.75 A
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
Frequency
700
2700
MHz
POUT
Output power
f = 2690 MHz, at 1dB compression point,
pulsed CW
15
W
GPS
Power gain
19
dB
ηD
Drain efficiency
53
%
VSWR
Load mismatch
POUT = 15 W, pulsed CW, all phases
10:1
Note:
VDD = 28 V, IDQ = 110 mA, PW = 10 μs, duty cycle = 12%.
RF2L27015CG2
Electrical characteristics
DS13245 - Rev 3
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com