Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5L08600CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF5L08600CB4
Description  650 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF5L08600CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF5L08600CB4 Datasheet HTML 1Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 2Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 3Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 4Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 5Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 6Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 7Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 8Page - STMicroelectronics RF5L08600CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performances
Figure 1. Power gain and drain efficiency versus output power (pulsed CW and CW)
POUT (dbm)
GPS, pulsed CW
GPS, CW
ηD, pulsed CW
ηD, CW
GADG020220210759GT
Note:
VDD = 50 V, IDQ = 110 mA, f = 650 MHz (pulse width = 100 μs, duty cycle = 10% in case of pulsed CW).
Figure 2. Power gain and drain efficiency versus output power at different IDQ (110 mA, 330 mA, 1 A)
0
10
20
30
40
50
60
70
80
14
15
16
17
18
19
20
21
22
40
42
44
46
48
50
52
54
56
58
60
GPS, 110mA
GADG280120211209GT
POUT (dbm)
GPS, 330 mA
GPS, 1 A
ηD, 110mA
ηD, 330 mA
ηD, 1 A
Note:
VDD = 50 V, f = 650 MHz, pulsed CW, pulse width = 100 μs, duty cycle = 10%.
RF5L08600CB4
Typical performances
DS13635 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com