Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST9045C Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST9045C
Description  RF Power LDMOS transistor HF up to 1.5 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9045C Datasheet(HTML) 5 Page - STMicroelectronics

  ST9045C Datasheet HTML 1Page - STMicroelectronics ST9045C Datasheet HTML 2Page - STMicroelectronics ST9045C Datasheet HTML 3Page - STMicroelectronics ST9045C Datasheet HTML 4Page - STMicroelectronics ST9045C Datasheet HTML 5Page - STMicroelectronics ST9045C Datasheet HTML 6Page - STMicroelectronics ST9045C Datasheet HTML 7Page - STMicroelectronics ST9045C Datasheet HTML 8Page - STMicroelectronics ST9045C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4
Typical performance
Figure 2. Power gain and efficiency vs output power and
Idq (VDD = 28 V, fo = 945 MHz)
20
30
40
50
60
70
80
90
13
14
15
16
17
18
19
20
0
10
20
30
40
50
60
70
80
90
Output Power (W)
Idq = 100 mA
Idq = 200 mA
Idq = 300 mA
Idq = 400 mA
Idq = 500 mA
Idq = 600 mA
Idq = 100mA Eff
Idq = 200mA Eff
Idq = 300mA Eff
Idq = 400mA Eff
Idq = 500mA Eff
Idq = 600mA Eff
Figure 3. Power gain and efficiency vs output power and
VDD (Idq = 300 mA, fo = 945 MHz tuned at VDD = 28 V)
20
30
40
50
60
70
80
90
13
14
15
16
17
18
19
20
0
20
40
60
80
100
120
Output Power (W)
Vdd = 20V
Vdd = 22V
Vdd = 24V
Vdd = 26V
Vdd = 28V
Vdd = 30V
Vdd = 32V
Vdd = 20V Eff
Vdd = 22V Eff
Vdd = 24V Eff
Vdd = 26V Eff
Vdd = 28V Eff
Vdd = 30V Eff
Vdd = 32V Eff
Figure 4. Output power and efficiency vs VDD and input
power (Idq = 300 mA, fo = 945 MHz tuned at VDD = 28 V)
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Vdd (V)
Pin = .25W
Pin = .5W
Pin = 1.0W
Pin = 2.0W
Pin = 2.5W
Pin = .25W Eff
Pin = .5W Eff
Pin = 1.0W Eff
Figure 5. Output power and drain current vs VDD and
input power (Idq = 300 mA, fo = 945 MHz tuned at VDD = 28
V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
20
30
40
50
60
70
80
90
100
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Vdd (V)
Pin = .25W
Pin = .5W
Pin = 1.0W
Pin = 2.0W
Pin = 2.5W
Pin = .25W Idd
Pin = .5W Idd
Pin = 1.0W Idd
Figure 6. Output power and drain current vs VGS and input
power (VDD = 28 V, fo = 945 MHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Vgs V)
Pin = .25W
Pin = .5W
Pin = 1.0W
Pin = 1.5W
Pin = 2.0W
Pin = .25W Idd
Pin = .5W Idd
Pin = 1.0W Idd
Pin = 1.5W Idd
Pin = 2.0W Idd
Figure 7. Output power vs VGS and input power (VDD = 28
V, fo = 945 MHz)
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
Vgs(V)
Pin = .25W
Pin = .5W
Pin = 1.0W
Pin = 1.5W
Pin = 2.0W
ST9045C
Typical performance
DS11524 - Rev 3
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com