Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS5H100SFY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS5H100SFY
Description  Automotive 100 V low Ir power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS5H100SFY Datasheet(HTML) 3 Page - STMicroelectronics

  STPS5H100SFY Datasheet HTML 1Page - STMicroelectronics STPS5H100SFY Datasheet HTML 2Page - STMicroelectronics STPS5H100SFY Datasheet HTML 3Page - STMicroelectronics STPS5H100SFY Datasheet HTML 4Page - STMicroelectronics STPS5H100SFY Datasheet HTML 5Page - STMicroelectronics STPS5H100SFY Datasheet HTML 6Page - STMicroelectronics STPS5H100SFY Datasheet HTML 7Page - STMicroelectronics STPS5H100SFY Datasheet HTML 8Page - STMicroelectronics STPS5H100SFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward current versus case
temperature (δ = 0.5)
0
5
10
15
20
25
30
0
25
50
75
100
125
150
175
IF(AV)(A)
T
δ=tp/T
tp
Tc(°C)
Figure 2. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Zth(j-c) /Rth(j-c)
Single pulse
Figure 3. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
0
10
20
30
40
50
60
70
80
90
100
VR(V)
IR(µA)
Tj = 25 °C
Tj = 100 °C
Tj = 75 °C
Tj = 50 °C
Tj = 125 °C
Tj = 150 °C
Figure 4. Junction capacitance versus reverse voltage
applied (typical values)
10
100
1000
1
10
100
VR(V)
C(pF)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
STPS5H100SFY
Characteristics (curves)
DS12665 - Rev 2
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com