Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB88155 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB88155
Description  Spread Spectrum Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88155 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB88155 Datasheet HTML 1Page - fujitsu semiconductor MB88155 Datasheet HTML 2Page - fujitsu semiconductor MB88155 Datasheet HTML 3Page - fujitsu semiconductor MB88155 Datasheet HTML 4Page - fujitsu semiconductor MB88155 Datasheet HTML 5Page - fujitsu semiconductor MB88155 Datasheet HTML 6Page - fujitsu semiconductor MB88155 Datasheet HTML 7Page - fujitsu semiconductor MB88155 Datasheet HTML 8Page - fujitsu semiconductor MB88155 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MB88155
3
■ PIN ASSIGNMENT
■ PIN DESCRIPTION
Pin name
I/O
Pin no.
Description
XIN
I
1
Connection pin of resonator/clock input pin
XOUT
O
2
Connection pin of resonator
ENS/XPD
I
3
Modulation enable pin/power down pin
SEL
I
4
Modulation rate setting pin
Down spread, SEL
= “L” : Modulation rate − 1.0%
Down spread, SEL
= “H” : Modulation rate − 2.0%
Down spread, SEL
= “L” : Modulation rate ± 0.5%
Down spread, SEL
= “H” : Modulation rate ± 1.0%
REFOUT
O
5
Non-modulated clock output pin
This pin becomes to“L” at power-down.
VSS
6GND Pin
CKOUT
O
7
Modulated clock output pin
This pin becomes to“L” at power-down.
VDD
8
Power supply voltage pin
1
2
3
4
8
7
6
5
XIN
XOUT
ENS
SEL
VDD
CKOUT
VSS
REFOUT
1
2
3
4
8
7
6
5
XIN
XOUT
XPD
SEL
VDD
CKOUT
VSS
REFOUT
MB88155
-xx0
-xx1
MB88155
-xx2
-xx3
FPT-8P-M07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com