Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

40N03. Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 40N03.
Description  N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

40N03. Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  40N03. Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 40N03. Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Gen III Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
DC/DC Conversion
- System Power
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
Qg (Typ.)
30
0.07 at VGS = 10 V
53
19 nC
0.09 at VGS= 4.5 V
48
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
53
A
TC = 70 °C
41
TA = 25 °C
14b, c
TA = 70 °C
10 b, c
Pulsed Drain Current
IDM
165
Avalanche Current
L = 0.1 mH
IAS
25
Avalanche Energy
EAS
40
mJ
Continuous Source-Drain Diode Current
TC = 25 °C
IS
15
A
TA = 25 °C
2.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
28
W
TC = 70 °C
18
TA = 25 °C
3.5b, c
TA = 70 °C
2.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
≤ 10 s
RthJA
29
36
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.6
4.5
RoHS
COMPLIANT
TO-251
S
D
G
Top View
www.VBsemi.com
m
m
m
m
m
m
m
服务热线:400-655-8788
40N03.
1


Similar Part No. - 40N03.

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
40N03 A-POWER-40N03 Datasheet
106Kb / 4P
Low Gate Charge Simple Drive Requirement
40N03 A-POWER-40N03 Datasheet
56Kb / 5P
Fast Switching Characteristic
logo
List of Unclassifed Man...
40N03 ETC-40N03 Datasheet
128Kb / 6P
N CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
40N03 VBSEMI-40N03 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
40N03GH VBSEMI-40N03GH Datasheet
1,015Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 40N03.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com