Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC10H065G2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC10H065G2
Description  650 V, 10 A high surge silicon carbide power Schottky diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H065G2 Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC10H065G2 Datasheet HTML 1Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 2Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 3Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 4Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 5Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 6Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 7Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 8Page - STMicroelectronics STPSC10H065G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward current
(typical values, low level)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
IF(A)
Ta=150 °C
Ta=175 °C
Pulse test : tp=500µs
Ta=25 °C
Ta=100 °C
Figure 2. Forward voltage drop versus forward current
(typical values, high level)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
VF(V)
IF(A)
Ta=150 °C
Ta=175 °C
Pulse test : tp=500µs
Ta=25 °C
Ta=100 °C
Figure 3. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
100
150
200
250
300
350
400
450
500
550
600
650
VR(V)
IR(µA)
Tj=25°C
Tj=150 °C
Tj=175 °C
Figure 4. Peak forward current versus case temperature
(fw > 10 kHz)
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
175
IM(A)
TC(°C)
δ=0.1
δ=0.3
δ=0.5
δ=1
δ=0.7
T
δ=tp/T
tp
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
0
100
200
300
400
500
600
0.1
1.0
10.0
100.0
1000.0
VR(V)
Cj(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
Figure 6. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
Zth(j-c) /Rth(j-c)
STPSC10H065G2
Characteristics (curves)
DS13663 - Rev 1
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com