Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STTH1R06AFY Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1R06AFY
Description  Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AFY Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1R06AFY Datasheet HTML 1Page - STMicroelectronics STTH1R06AFY Datasheet HTML 2Page - STMicroelectronics STTH1R06AFY Datasheet HTML 3Page - STMicroelectronics STTH1R06AFY Datasheet HTML 4Page - STMicroelectronics STTH1R06AFY Datasheet HTML 5Page - STMicroelectronics STTH1R06AFY Datasheet HTML 6Page - STMicroelectronics STTH1R06AFY Datasheet HTML 7Page - STMicroelectronics STTH1R06AFY Datasheet HTML 8Page - STMicroelectronics STTH1R06AFY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage (Tj = -40 °C to +175 °C)
600
V
IF(AV)
Average forward current
TL = 135 °C, δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
20
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-40 to +175
°C
Table 2. Thermal parameters
Symbol
Parameter
Typ.
Max.
Unit
Rth(j-l)
Junction to lead
16
24
°C/W
Table 3. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
Reverse leakage current
Tj = 25 °C
VR = 600 V
-
1
µA
Tj = 150 °C
-
10
75
VF
Forward voltage drop
Tj = 25 °C
IF = 1 A
-
1.9
V
Tj = 150 °C
-
1.08
1.4
To evaluate the conduction losses, use the following equation:
P = 1.1 x IF(AV) + 0.30 x IF2(RMS)
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V, dlF/dt = -50 A/µs
-
30
45
ns
IRM
Reverse recovery current
Tj = 125 °C
IF = 1 A, VR = 400 V, dlF/dt = -200 A/µs
-
3
A
QRR
Reverse recovery charge
-
90
nC
trr
Reverse recovery time
-
65
ns
STTH1R06AFY
Characteristics
DS12434 - Rev 2
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com