Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMK04832PAP/EM Datasheet(PDF) 24 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 20Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 21Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 22Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 23Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 24Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
8.3 Feature Description
8.3.1 Synchronizing PLL R Dividers
In some cases, it is necessary to synchronize PLL R dividers to enable determinism of clocks outputs to inputs.
This typically is required when the fraction Total PLL N divide / Total PLL R divide does not reduce to N / 1.
8.3.1.1 PLL1 R Divider Synchronization
It is possible to use the CLKIN0 or SYNC pin to synchronize the PLL1 R divider. In either case, the PLL1 R
divider is armed for reset, then the rising sync edge arrives from either the SYNC pin or CLKIN0. After the PLL1
R divider is armed, PLL1 is unlocked until the synchronization edge arrives and allows the divider to operate and
the PLL to lock. The procedure to synchronize PLL1 R is as follows:
1. Setup device for synchronizing PLL1 R:
• PLL1R_SYNC_EN = 0x1
• PLL1R_SYNC_SRC = 0x1 (SYNC pin) or 0x2 (CLKIN0)
• CLKin0_DEMUX = 0x2 (PLL1)
• CLKin1_DEMUX = 0x2 (PLL1)
• CLKin0_TYPE = 0x1 (MOS) for DC-coupled or CLKin0_TYPE = 0x0 (Bipolar) for AC-coupled
2. Arm PLL1 R divider for synchronization
• PLL1R_RST = 1, then 0.
• PLL1 is unlocked.
3. Send rising edge on SYNC pin or CLKIN0.
• PLL1 R divider is released from reset and PLL1 relocks.
It is necessary to meet a setup and hold time when CLKIN0 or SYNC pin goes high to ensure deterministic reset
of the PLL1 R divider.
The SYNC_POL bit has no effect on SYNC polarity for PLL1 R synchronization.
8.3.1.2 PLL2 R Divider Synchronization
The SYNC pin must be used to synchronized the PLL2 R divider. When PLL2R_SYNC_EN = 1, as long as the
SYNC pin is held high, the PLL2 R divider is held in reset. When the SYNC pin is returned low, the divider is
allowed to continue dividing. While PLL2R_SYNC_EN = 1 and SYNC pin is high PLL2 is unlocked.
It is necessary to meet a setup and hold time when SYNC pin goes low to ensure deterministic reset of the PLL2
R divider.
The SYNC_POL bit has no effect on SYNC polarity for PLL2 R synchronization.
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com