Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSM
Description  Molded Metal Plate Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSM Datasheet HTML 1Page - Stackpole Electronics, Inc. CSM Datasheet HTML 2Page - Stackpole Electronics, Inc. CSM Datasheet HTML 3Page - Stackpole Electronics, Inc. CSM Datasheet HTML 4Page - Stackpole Electronics, Inc. CSM Datasheet HTML 5Page - Stackpole Electronics, Inc. CSM Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 8/17/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSM Series
Molded Metal Plate Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Features:
High power metal alloy current sense resistor
Molded package for superior heat dissipation
Typical inductance < 5nH
Ideal for power supplies and motor drives
Package size 2512 is qualified to AEC-Q200
100% RoHS compliant and lead free without exemption
Halogen free
REACH compliant
Electrical Specifications
Mechanical Specifications
Ohmic Range (Ω) and Tolerance
1%, 5%
CSM0603
0.33
(P*R)
1/2
5.6
± 70
0.01
CSM2512
3
(P*R)
1/2
54.8
± 50
0.001 - 0.1
P = Rated Power (W)
R = Resistance Value (Ω)
TCR (ppm/ºC)
Maximum Current
(A)
Maximum Working
Voltage (V)
Type/Code
Power Rating
(W)
Type/Code
Unit
0.063 ± 0.004
0.031 ± 0.004
0.008 ± 0.004
0.012 ± 0.004
0.012 ± 0.004
inches
1.60 ± 0.10
0.80 ± 0.10
0.20 ± 0.10
0.30 ± 0.10
0.30 ± 0.10
mm
0.252 ± 0.008
0.126 ± 0.008
0.079 ± 0.008
0.028 ± 0.008
0.079 ± 0.008
inches
6.40 ± 0.20
3.20 ± 0.20
2.00 ± 0.20
0.70 ± 0.20
2.00 ± 0.20
mm
0.252 ± 0.008
0.126 ± 0.008
0.035 ± 0.008
0.028 ± 0.008
0.035 ± 0.008
inches
6.40 ± 0.20
3.20 ± 0.20
0.90 ± 0.20
0.70 ± 0.20
0.90 ± 0.20
mm
CSM2512
(> 0.004 Ω - 0.1 Ω)
d
CSM0603
CSM2512
(0.001 Ω - 0.004 Ω)
H
L
W
C
Test Item
Test Specification
Test Condition
CSM2512 ± 50 ppm/ºC
CSM0603 ± 100 ppm/ºC
Load Life
± 1%
1000 hours at rated power, 70ºC,
1.5 hours ON, 0.5 hours OFF
Short Time Overload
± 0.5%
5 X rated power for 5 seconds
(for 0.04 - 0.1 Ω > rated power x 2.5
for 5 seconds)
Moisture No Load
± 0.5%
85ºC, 85% R.H., 1000 hours
Temperature Cycling
< ± 0.5%
1000 cycles (-55°C to 125°C)
Measurement at 24 hours after test conclusion
JESD22 Method JA-104
Resistance to Soldering Heat
± 0.5%
260 ± 5ºC for 20 ± 1 seconds
Solderability
At least 95% of surface area of electrode
must be covered with new solder
245 ± 5ºC for 2 ± 0.5 seconds
Temperature Coefficient of Resistance
+25ºC ~ +125ºC


Similar Part No. - CSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
logo
Ohmite Mfg. Co.
CSM OHMITE-CSM Datasheet
411Kb / 2P
Board Mount Heat Sink For TO-220 Devices
logo
BlockMaster Electronics...
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
127Kb / 1P
This specification applies to – CSFXX001 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
131Kb / 1P
This specification applies to – CSFXX002 - Plug
6/11/2017
CSM BLOCKMASTER-ELECTRONICS-CSM Datasheet
167Kb / 1P
This specification applies to – CSFXX091 - Plug
6/11/2017
More results

Similar Description - CSM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
logo
CTS Corporation
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
Current Sensing Resistors ??Metal Plate
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
Molded Precision Current Sensing Resistor
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
Square metal plate resistor Rectangular Type Metal Plate Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com