Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSR Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # CSR
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSR Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  CSR Datasheet HTML 1Page - Stackpole Electronics, Inc. CSR Datasheet HTML 2Page - Stackpole Electronics, Inc. CSR Datasheet HTML 3Page - Stackpole Electronics, Inc. CSR Datasheet HTML 4Page - Stackpole Electronics, Inc. CSR Datasheet HTML 5Page - Stackpole Electronics, Inc. CSR Datasheet HTML 6Page - Stackpole Electronics, Inc. CSR Datasheet HTML 7Page - Stackpole Electronics, Inc. CSR Datasheet HTML 8Page - Stackpole Electronics, Inc. CSR Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev Date: 6/21/202
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
High Power Chip Resistors and Thermal Management
Stackpole has developed several surface mount resistor series in addition to our current sense resistors, which have had higher power
ratings than standard resistor chips. This has caused some uncertainty and even confusion by users as to how to reliably use these
resistors at the higher power ratings in their designs.
The data sheets for the RHC, RMCP, RNCP, CSR, CSRN, CSRF, CSS, and CSSH state that the rated power assumes an ambient
temperature of no more than 100°C for the CSS / CSSH series and 70°C for all other high power resistor series. In addition, IPC and
UL best practices dictate that the combined temperature on any resistor due to power dissipated and ambient air shall be no more than
105°C. At first glance
this wouldn’t seem too difficult, however the graph below shows typical heat rise for the CSR1206 100 milliohms
at full rated power. The heat rise for the RMCP and RNCP would be similar. The RHC with its unique materials, design, and processes
would have less heat rise and therefore would be easier to implement for any given customer.
The 102°C heat rise shown here would indicate there will be additional thermal reduction techniques needed to keep this part under
105°C total hot spot temperature if this part is to be used at 0.75 watts of power. However, this same part at the usual power rating for
this size would have a heat rise of around 72°C. This additional heat rise may be dealt with using wider conductor traces, larger solder
pads and land patterns under the solder mask, heavier copper in the conductors, via through PCB, air movement, and heat sinks,
among many other techniques. Because of the variety of methods customers can use to lower the effective heat rise of the circuit,
resistor manufacturers simply specify power ratings with the limitations on ambient air temperature and total hot spot temperatures and
leave the details of how to best accomplish this to the design engineers. Design guidelines for products in various market segments
can vary widely so it would be unnecessarily constraining for a resistor manufacturer to recommend the use of any of these methods
over another.
Note: The final resistance value can be affected by the board layout and assembly process, especially the size of the mounting pads and the amount
of solder used. This is especially notable for resistance values ≤ 50 mΩ. This should be taken into account when designing.
Packaging Specifications
– Embossed Plastic Tape (cont.)
Size
Unit
0.157 ± 0.002
0.059 + 0.004/-0
0.039 ± 0.008
inches
4.00 ± 0.05
1.50 + 0.10, -0
1.00 ± 0.20
mm
inches
0.157 ± 0.004
0.061 + 0.002/-0
0.057 ± 0.008
mm
4.00 ± 0.10
0.157 ± 0.004
0.079 ± 0.002
1.55 + 0.05, -0
1.45 ± 0.20
inches
4.00 ± 0.10
2.00 ± 0.05
mm
inches
0.157 ± 0.002
0.061 + 0.004/-0
0.047 ± 0.008
mm
4.00 ± 0.05
1.55 + 0.10, -0
1.20 ± 0.20
inches
mm
D0
T
2010
2512
P0
1225
0815
0830
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com