Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9908-TR Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9908-TR
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908-TR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9908-TR Datasheet HTML 43Page - STMicroelectronics L9908-TR Datasheet HTML 44Page - STMicroelectronics L9908-TR Datasheet HTML 45Page - STMicroelectronics L9908-TR Datasheet HTML 46Page - STMicroelectronics L9908-TR Datasheet HTML 47Page - STMicroelectronics L9908-TR Datasheet HTML 48Page - STMicroelectronics L9908-TR Datasheet HTML 49Page - STMicroelectronics L9908-TR Datasheet HTML 50Page - STMicroelectronics L9908-TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 153 page
background image
Table 42. Motor battery monitor electrical characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max Unit
Notes
VDH_cp2_bst_mode_th
CP2 boost mode enable
threshold
-
10.3
10.6
10.9
V
Comparator output
Low to High
VDH_cp2_bst_mode_hys
CP2 boost mode enable
hysteresis
-
0.95
1.05
1.1
V
-
VDH_cp2_bst_mode_flt
CP2 boost mode enable
detection filter time
-
100
200
300
ns
Analog Filter
VDH_uv_th_12v
VDH under-voltage
threshold (12 V systems)
-
4
4.25
4.5
V
Comparator output
Low to High
VDH_uv_th_24v
VDH under-voltage
threshold (24 V systems)
-
7.8
8.4
9
V
Comparator output
Low to High
VDH_uv_th_48v
VDH under-voltage
threshold (48 V systems)
-
17.3 18.65
20
V
Comparator output
Low to High
VDH_uv_hys
VDH under-voltage
hysteresis
-
90
150
250
mV -
VDH_ov_th1_12v
VDH over-voltage
threshold (12 V systems 1)
-
18.11 18.67 19.23
V
Comparator output
Low to High
V_ov_th2_12v
VDH over-voltage
threshold (12 V systems 2)
-
27.16
28
28.84
V
Comparator output
Low to High
VDH_ov_th1_24v
VDH over-voltage
threshold (24 V systems 1)
-
36.22 37.34 38.46
V
Comparator output
Low to High
VDH_ov_th2_24v
VDH over-voltage
threshold (24 V systems 2)
-
50.3 51.86 53.41
V
Comparator output
Low to High
VDH_ov_th1_48v
VDH over-voltage
threshold (48 V systems 1)
-
56.34 58.08 59.82
V
Comparator output
Low to High
VDH_ov_th2_48v
VDH over-voltage
threshold (48 V systems 2)
-
60.36 62.23 64.09
V
Comparator output
Low to High
VDH_ov_th3_48v
VDH over-voltage
threshold (48 V systems 3)
-
65.39 67.41 69.43
V
Comparator output
Low to High
VDH_ov_th4_48v
VDH over-voltage
threshold (48 V systems 4)
-
70.42 72.6 74.78
V
Comparator output
Low to High
VDH_ov_hys
VDH over-voltage
hysteresis
-
0.8
1.15
1.85
V
-
VDH_tflt_acc
VDH Fault Detection Filter
Time accuracy
CLK_SSM_EN =
0
-15
-
15
%
-
Note:
All parameters are guaranteed and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Motor Battery Monitor (MBM)
DS13546 - Rev 3
page 47/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com