Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L99LD21 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L99LD21
Description  High power LED driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD21 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L99LD21 Datasheet HTML 50Page - STMicroelectronics L99LD21 Datasheet HTML 51Page - STMicroelectronics L99LD21 Datasheet HTML 52Page - STMicroelectronics L99LD21 Datasheet HTML 53Page - STMicroelectronics L99LD21 Datasheet HTML 54Page - STMicroelectronics L99LD21 Datasheet HTML 55Page - STMicroelectronics L99LD21 Datasheet HTML 56Page - STMicroelectronics L99LD21 Datasheet HTML 57Page - STMicroelectronics L99LD21 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
Electrical specifications
L99LD21
54/73
DS11130 Rev 5
6.4.2
Boost controller
Table 36. Boost gate driver
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
tG0
Gate driver output rise and fall
time
VS = 13 V; CG0 = 4.7 nF;
VGS_G0 rising from 10% ÷ 90%
25
75
ns
VS = 13 V; CG0 = 4.7 nF;
VGS_G0 falling from 90% ÷ 10%
25
75
ns
VG0_H
Gate driver High output voltage
0.9 * V5V
V5V
V
VG0_L
Gate driver Low output voltage
0.3
V
V5V
Output Voltage of 5V LDO
VS = 13 V; Cout = 4.7 µF,
External maximum load current:
Iload = 10 mA
4.75
5
5.25
V
I5V
(1)
Current capability of 5V LDO
VS = 13 V
Output of 5V LDO connected to
ground
30
45
60
mA
1.
I5V = Qtgate x Fboost_sw (external MOSFET total gate charge multiplied by boost switching frequency).
Table 37. Boost controller
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
FBOOST_SW_MAX
Boost maximum operative
switching frequency
CR#3<9:7> (000)b ÷ (111)b
450
kHz
FBOOST_SW_MIN
Boost minimum operative
switching frequency
CR#3<9:7> (000)b ÷ (111)b
100
kHz
FBOOST_STEP
Boost Switching Frequency
Step
50
kHz
FBOOST_ACC
Boost Switching Frequency
accuracy
T = 125 °C
-5
5
%
VBOOST_LIM
Boost maximum current
sense differential voltage
(SP, SN pin) for current
limitation
VS = 13 V
Boost enabled
350
390
430
mV
tBOOST_MIN
Minimum boost on-time
VS = 13 V; SP pin = 3.3 V
Boost enabled
200
600
ns
DBOOST_MAX
Boost maximum duty cycle
VS = 13 V; SP pin = 0 V
Boost enabled
90
%
V5V_DROP
Min voltage drop of 5V LDO
respect to VS:
V5V_DROP = (VS – V5V)
I(5V5) = -1 mA
0.1
0.3
V
tSS
Soft start duration
Guaranteed by scan and
frequency oscillator (20 MHz,
typical)
8ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com