Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDA801B Datasheet(PDF) 9 Page - STMicroelectronics

Part # FDA801B
Description  4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA801B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button FDA801B Datasheet HTML 3Page - STMicroelectronics FDA801B Datasheet HTML 4Page - STMicroelectronics FDA801B Datasheet HTML 5Page - STMicroelectronics FDA801B Datasheet HTML 6Page - STMicroelectronics FDA801B Datasheet HTML 7Page - STMicroelectronics FDA801B Datasheet HTML 8Page - STMicroelectronics FDA801B Datasheet HTML 9Page - STMicroelectronics FDA801B Datasheet HTML 10Page - STMicroelectronics FDA801B Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DocID028632 Rev 1
9/11
FDA801B
Package information
11
Table 3. LQFP64 (10x10x1.4 mm exp. pad up) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
3.5°
3.5°
Ө1
12°
12°
Ө2
11°
12°
13°
11°
12°
13°
Ө3
11°
12°
13°
11°
12°
13°
A
-
-
1.49
-
-
0.0587
A1
-0.04
-
0.04
-0.0016
-
0.0016
A2
1.35
1.4
1.45
0.0531
0.0551
0.0571
b
-
-
0.255
-
-
0.0100
b1
0.17
0.20
0.23
0.0067
0.0079
0.0091
c
0.09
-
0.20
0.0035
-
0.0079
c1
0.09
-
0.16
0.0035
-
0.0063
D
-
12.00
-
-
0.4724
-
D1(2)
2. Dimensions D1 and E1 do not include mold flash or protrusions.
Allowable mold flash or protrusion is “0.25 mm” per side.
-
10.00
-
-
0.3937
-
D2(3)
3. The optional exposed pad is generally coincident with the top or bottom side of the package and not
allowed to protrude beyond that surface.
-
6.00
-
-
02362
-
e
-
0.50
-
-
0.0197
-
E
-
12.00
-
-
0.4724
-
E1(2)
-
10.00
-
-
0.3937
-
E2(3)
-
6.00
-
-
0.2362
-
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00
-
-
0.0394
-
N
-
64.00
-
-
2.5197
-
R1
0.08
-
-
0.0031
-
-
R2
0.08
-
0.20
0.0031
-
0.0079
S
0.20
-
-
0.0079
-
-
aaa
-
0.20
-
-
0.0079
-
bbb
-
0.20
-
-
0.0079
-
ccc
-
0.08
-
-
0.0031
-
ddd
-
0.08
-
-
0.0031
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com