Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDA803Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # FDA803Q
Description  1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803Q Datasheet(HTML) 1 Page - STMicroelectronics

  FDA803Q Datasheet HTML 1Page - STMicroelectronics FDA803Q Datasheet HTML 2Page - STMicroelectronics FDA803Q Datasheet HTML 3Page - STMicroelectronics FDA803Q Datasheet HTML 4Page - STMicroelectronics FDA803Q Datasheet HTML 5Page - STMicroelectronics FDA803Q Datasheet HTML 6Page - STMicroelectronics FDA803Q Datasheet HTML 7Page - STMicroelectronics FDA803Q Datasheet HTML 8Page - STMicroelectronics FDA803Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For further information contact your local STMicroelectronics sales office.
May 2021
DB4487 Rev 1
1/16
FDA803Q
1 channel class D digital input automotive power amplifier with diagnostics,
wide voltage operation range for car audio and telematic
Data brief
Features
 AEC-Q100 qualified
 Integrated 108 dB D/A conversion
 I2S and TDM digital input (4/8/16CH TDM)
 Input sampling frequency: 44.1 kHz, 48 kHz,
96 kHz, 192 kHz
 Full I2C bus driving (3.3/1.8 V)
 CISPR 25 - Class V (Fourth edition)
 Very low quiescent current
 Output lowpass filter included in the feedback
allowing outstanding audio performances
 Wide operating supply range from 3.3 to 18 V,
suitable for car radio, telematics and e-call
 MOSFET power outputs allowing high output
power capability
– 1 x 25 W /4 Ω @ 14.4 V, 1 kHz THD = 1%
– 1 x 31 W /4 Ω @ 14.4 V, 1 kHz THD = 10%
 2 Ω loads driving
 Amplitude limiter function (configurable
through I2C)
 I2C bus diagnostics:
– Short to VCC/GND
– Short load and open load detection (also in
play mode)
– Four thermal warnings
 DC offset detector (also in play) and 'hot spot'
detection
 Clipping detector
 Integrated thermal protection
 Legacy mode ('no I2C' mode), 4 configurable
settings
 Short circuit and ESD integrated protections
 Package: VFQFPN48 exposed pad down
GAPGPS03203
VFQFPN 7x7x1.0 48L
(Exposed pad down)
Table 1. Device summary
Order code
Package
Packing
FDA803Q-V0T
VFQFPN48
(exposed pad down)
Tape & reel
FDA803Q-V0Y
Tray
www.st.com


Similar Part No. - FDA803Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHT STMICROELECTRONICS-FDA803D-EHT Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803D-EHX STMICROELECTRONICS-FDA803D-EHX Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803S-6DY STMICROELECTRONICS-FDA803S-6DY Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
More results

Similar Description - FDA803Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
logo
STMicroelectronics
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA803S STMICROELECTRONICS-FDA803S Datasheet
672Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA803U STMICROELECTRONICS-FDA803U Datasheet
1Mb / 76P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
04-Jul-2019
FDA903D STMICROELECTRONICS-FDA903D Datasheet
1Mb / 82P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
03-May-2018
FDA903Q STMICROELECTRONICS-FDA903Q Datasheet
319Kb / 16P
1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
03-May-2021
FDA903S STMICROELECTRONICS-FDA903S Datasheet
673Kb / 15P
1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
16-Aug-2032
FDA903U STMICROELECTRONICS-FDA903U Datasheet
1Mb / 80P
1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
04-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com