Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDA903D Datasheet(PDF) 78 Page - STMicroelectronics

Part # FDA903D
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903D Datasheet(HTML) 78 Page - STMicroelectronics

Back Button FDA903D Datasheet HTML 74Page - STMicroelectronics FDA903D Datasheet HTML 75Page - STMicroelectronics FDA903D Datasheet HTML 76Page - STMicroelectronics FDA903D Datasheet HTML 77Page - STMicroelectronics FDA903D Datasheet HTML 78Page - STMicroelectronics FDA903D Datasheet HTML 79Page - STMicroelectronics FDA903D Datasheet HTML 80Page - STMicroelectronics FDA903D Datasheet HTML 81Page - STMicroelectronics FDA903D Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 82 page
background image
Package information
FDA903D
78/82
DocID031502 Rev 2
Table 35. PowerSSO-36 exposed pad (D1 and E2 use the option variation B) package
mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
-
-
Ө1
-
10°
-
10°
Ө2
0°-
-0°-
-
A
2.15
-
2.45
0.0846
-
0.0965
A1
0.0
-
0.1
0.0
-
0.0039
A2
2.15
-
2.35
0.0846
-
0.0925
b
0.18
-
0.32
0.0071
-
0.0126
b1
0.13
0.25
0.3
0.0051
0.0098
0.0118
c
0.23
-
0.32
0.0091
-
0.0126
c1
0.2
0.2
0.3
0.0079
0.0079
0.0118
D(2)
10.30 BSC
0.4055 BSC
D1
VARIATION
D2
-
3.65
-
-
0.1437
-
D3
-
4.3
-
-
0.1693
-
e
0.50 BSC
0.0197 BSC
E
10.30 BSC
0.4055 BSC
E1(2)
7.50 BSC
0.2953 BSC
E2
VARIATION
E3
-
2.3
-
-
0.0906
-
E4
-
2.9
-
-
0.1142
-
G1
-
1.2
-
-
0.0472
-
G2
-
1
-
-
0.0394
-
G3
-
0.8
-
-
0.0315
-
h
0.3
-
0.4
0.0118
-
0.0157
L
0.55
0.7
0.85
0.0217
-
0.0335
L1
1.40 REF
0.0551 REF
L2
0.25 BSC
0.0098 BSC
N
36
1.4173
R
0.3
-
-
0.0118
-
-
R1
0.2
-
-
0.0079
-
-
S
0.25
-
-
0.0098
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com