Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5661 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VD5661
Description  Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5661 Datasheet(HTML) 3 Page - STMicroelectronics

  VD5661 Datasheet HTML 1Page - STMicroelectronics VD5661 Datasheet HTML 2Page - STMicroelectronics VD5661 Datasheet HTML 3Page - STMicroelectronics VD5661 Datasheet HTML 4Page - STMicroelectronics VD5661 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2
Ordering information
Table 1. Order codes
Order code
Resolution
Packages
Maximum CRA optimization
VG5661AAL5/1
1.6 megapixel monochrome
IM2BGA 8.5 x 8.5 mm
20 ° linear
VG5761AALJ/1
2.3 megapixel monochrome
IM2BGA 10.0 x 8.5 mm
VD5661AA/RW
1.6 megapixel monochrome
Bare die
VD5761AA/RW
2.3 megapixel monochrome
VG5761, VG5661, VD5761, VD5661
Ordering information
DB3776 - Rev 3
page 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com