Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HVLED001B Datasheet(PDF) 19 Page - STMicroelectronics

Part # HVLED001B
Description  High power factor flyback controller with constant voltage primary-sensing and ultra-low standby consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED001B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button HVLED001B Datasheet HTML 15Page - STMicroelectronics HVLED001B Datasheet HTML 16Page - STMicroelectronics HVLED001B Datasheet HTML 17Page - STMicroelectronics HVLED001B Datasheet HTML 18Page - STMicroelectronics HVLED001B Datasheet HTML 19Page - STMicroelectronics HVLED001B Datasheet HTML 20Page - STMicroelectronics HVLED001B Datasheet HTML 21Page - STMicroelectronics HVLED001B Datasheet HTML 22Page - STMicroelectronics HVLED001B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DS12748 Rev 2
19/33
HVLED001B
Application information
33
7.1.1
Start-up mode
This state is entered to begin the switching activity (during application's turn-on or exiting
from the low consumption state). The HVSU is involved in the mechanism of VCC charging;
all other peripherals, except the UVLO and logic supply, are turned off to minimize the start-
up time.
Start-up mode ends when the OPTO and FB pins are within respective range of operations
and VCC is higher than VCC,on threshold.
When the device is turned on for the first time or, in other words, when VCC crosses
upwards of the VCC,shd threshold, start-up mode invokes ramp-up mode.
When start-up mode is entered after a low consumption mode, start-up mode invokes active
mode.
Figure 19. Initial start-up phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com