Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FLEX6000 Datasheet(PDF) 35 Page - Altera Corporation

Part # FLEX6000
Description  Programmable Logic Device Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX6000 Datasheet(HTML) 35 Page - Altera Corporation

Back Button FLEX6000 Datasheet HTML 31Page - Altera Corporation FLEX6000 Datasheet HTML 32Page - Altera Corporation FLEX6000 Datasheet HTML 33Page - Altera Corporation FLEX6000 Datasheet HTML 34Page - Altera Corporation FLEX6000 Datasheet HTML 35Page - Altera Corporation FLEX6000 Datasheet HTML 36Page - Altera Corporation FLEX6000 Datasheet HTML 37Page - Altera Corporation FLEX6000 Datasheet HTML 38Page - Altera Corporation FLEX6000 Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Altera Corporation
35
FLEX 6000 Programmable Logic Device Family Data Sheet
VO Output Voltage (V)
12345
75
IOL
IOH
VCCINT = 3.3 V
VCCIO = 3.3 V
Room Temperature
EPF6010A
EPF6016A
50
25
100
EPF6010A
EPF6016A
VO Output Voltage (V)
12345
75
IOL
IOH
VCCINT = 3.3 V
VCCIO = 2.5 V
Room Temperature
50
25
100
VO Output Voltage (V)
12345
75
IOL
IOH
VCCINT = 3.3 V
VCCIO = 3.3 V
Room Temperature
EPF6024A
50
25
100
VO Output Voltage (V)
12345
75
IOL
IOH
VCCINT = 3.3 V
VCCIO = 2.5 V
Room Temperature
EPF6024A
50
25
100
VO Output Voltage (V)
12345
150
120
90
IOL
IOH
VCCINT = 5.0 V
VCCIO = 5.0 V
Room Temperature
VO Output Voltage (V)
12345
30
60
90
150
120
IOL
IOH
3.3
VCCINT = 5.0 V
VCCIO = 3.3 V
Room Temperature
EPF6016
EPF6016
60
30
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com