Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP480120W3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ADP480120W3
Description  Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 1.9 m typ. SiC MOSFET gen.3 based
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADP480120W3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ADP480120W3 Datasheet HTML 7Page - STMicroelectronics ADP480120W3 Datasheet HTML 8Page - STMicroelectronics ADP480120W3 Datasheet HTML 9Page - STMicroelectronics ADP480120W3 Datasheet HTML 10Page - STMicroelectronics ADP480120W3 Datasheet HTML 11Page - STMicroelectronics ADP480120W3 Datasheet HTML 12Page - STMicroelectronics ADP480120W3 Datasheet HTML 13Page - STMicroelectronics ADP480120W3 Datasheet HTML 14Page - STMicroelectronics ADP480120W3 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
03-Jun-2021
1
First release.
28-Jul-2022
2
Removed Section 1.1 Inverter switch inserted and updated Table 1. Absolute
maximum ratings - MOSFET added Table 2. Thermal data of each switch under
Section 1 Electrical ratings.
Inserted and updated Table 3. Electrical characteristics of each switch, added Table 4.
Switching energy of each switch under Section 2 Electrical characteristics.
Updated Table 6. Absolute maximum ratings for NTC temperature sensor, considered
as stand-alone.
Inserted Section 5 Electrical characteristics (curves).
13-Oct-2022
3
Updated Table 1. Absolute maximum ratings of each switch and Table 2. Thermal data
of each switch.
Updated Table 3. Electrical characteristics of each switch and Table 5. Source-drain
diode characteristics of each switch.
ADP480120W3
DS13766 - Rev 3
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com