Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STW50N65DM6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW50N65DM6
Description  N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW50N65DM6 Datasheet(HTML) 1 Page - STMicroelectronics

  STW50N65DM6 Datasheet HTML 1Page - STMicroelectronics STW50N65DM6 Datasheet HTML 2Page - STMicroelectronics STW50N65DM6 Datasheet HTML 3Page - STMicroelectronics STW50N65DM6 Datasheet HTML 4Page - STMicroelectronics STW50N65DM6 Datasheet HTML 5Page - STMicroelectronics STW50N65DM6 Datasheet HTML 6Page - STMicroelectronics STW50N65DM6 Datasheet HTML 7Page - STMicroelectronics STW50N65DM6 Datasheet HTML 8Page - STMicroelectronics STW50N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-247
1
2
3
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STW50N65DM6
650 V
91 mΩ
33 A
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STW50N65DM6
Product summary
Order code
STW50N65DM6
Marking
50N65DM6
Package
TO-247
Packing
Tube
N-channel 650 V, 74 mΩ typ., 33 A MDmesh DM6 Power MOSFET
in a TO-247 package
STW50N65DM6
Datasheet
DS13174 - Rev 2 - July 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW50N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
More results

Similar Description - STW50N65DM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
06-May-2021
STP50N65DM6 STMICROELECTRONICS-STP50N65DM6 Datasheet
248Kb / 11P
N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
28-Jul-2020
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com