Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL53L7CX Datasheet(PDF) 2 Page - STMicroelectronics

Part # VL53L7CX
Description  Time-of-Flight 8x8 multizone ranging sensor with 90 FoV
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L7CX Datasheet(HTML) 2 Page - STMicroelectronics

  VL53L7CX Datasheet HTML 1Page - STMicroelectronics VL53L7CX Datasheet HTML 2Page - STMicroelectronics VL53L7CX Datasheet HTML 3Page - STMicroelectronics VL53L7CX Datasheet HTML 4Page - STMicroelectronics VL53L7CX Datasheet HTML 5Page - STMicroelectronics VL53L7CX Datasheet HTML 6Page - STMicroelectronics VL53L7CX Datasheet HTML 7Page - STMicroelectronics VL53L7CX Datasheet HTML 8Page - STMicroelectronics VL53L7CX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Description
Specially designed for applications requiring an ultrawide FoV, the VL53L7CX Time-of-Flight sensor offers a 90°
diagonal FoV. Based on ST's FlightSense technology, the VL53L7CX incorporates an efficient metasurface lens
(DOE) placed on the laser emitter enabling the projection of a 60° x 60° square FoV onto the scene.
Its multizone capability provides a matrix of 8x8 zones (64 zones) and can work at fast speeds (60 Hz) up to
350 cm.
Thanks to the autonomous mode with programmable distance threshold combined to the ultrawide FoV, the
VL53L7CX is perfect for any application requiring low-power user detection. ST's patented algorithms and
innovative module construction allow the VL53L7CX to detect, in each zone, multiple objects within the FoV
with depth understanding. ST histogram algorithms ensure cover glass crosstalk immunity beyond 60 cm.
Derived from the VL53L5CX, the pinouts and drivers of both sensors are compatible, which ensures a simple
migration from one sensor to the other.
Like all Time-of-Flight (ToF) sensors based on ST's FlightSense technology, the VL53L7CX records, in each zone,
an absolute distance regardless of the target color and reflectance.
Housed in a miniature reflowable package that integrates a SPAD array, the VL53L7CX achieves the best ranging
performance in various ambient lighting conditions, and for a wide range of cover glass materials.
All of ST's ToF sensors integrate a VCSEL that emits a fully invisible 940 nm IR light, which is totally safe for the
eyes (Class 1 certification).
The VL53L7CX is the perfect sensor for any application requiring ultrawide FoV like robotics, smart speakers,
video projectors, content management. The combination of the multizone capability and the 90° FoV can enhance
new use-cases like gesture recognition, SLAM for robotics, and low power system activation for smart building.
VL53L7CX
DS13865 - Rev 3
page 2/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com