Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL24N65M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL24N65M2
Description  N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL24N65M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL24N65M2 Datasheet HTML 2Page - STMicroelectronics STL24N65M2 Datasheet HTML 3Page - STMicroelectronics STL24N65M2 Datasheet HTML 4Page - STMicroelectronics STL24N65M2 Datasheet HTML 5Page - STMicroelectronics STL24N65M2 Datasheet HTML 6Page - STMicroelectronics STL24N65M2 Datasheet HTML 7Page - STMicroelectronics STL24N65M2 Datasheet HTML 8Page - STMicroelectronics STL24N65M2 Datasheet HTML 9Page - STMicroelectronics STL24N65M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL24N65M2
6/15
DocID027182 Rev 1
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal resistance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Gate charge vs gate-source voltage
Figure 7: Static drain-source on-resistance
10
-5
10
-4
10
-3
10
-2
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
Zth= K*RthJ-c
δ= tp/Ƭ
tp
Ƭ
ID
10
5
0
VDS(V)
4
(A)
0
VGS= 7, 8, 9, 10 V
6V
5V
4V
8
15
20
25
12
16
20
24
28
30
35
GIPD180920141533FSR
ID
10
5
0
VGS(V)
2
(A)
0
VDS= 20 V
4
15
20
25
6
8
30
35
GIPD180920141600FSR
VGS
4
2
0
5
15
Qg(nC)
10
(V)
0
20
6
8
10
12
25
VDS(V)
0
100
200
300
400
500
600
VDD = 520 V
ID = 16 A
30
VDS
GIPD041020141607FSR
RDS(on)
0.199
0
ID(A)
2
(Ω)
0.195
4
0.203
0.207
VGS= 10V
0.2 11
6
8
0.215
0.219
10
12
14
GIPD180920141613FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com