Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS950813 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 4Page - Integrated Circuit Systems ICS950813 Datasheet HTML 5Page - Integrated Circuit Systems ICS950813 Datasheet HTML 6Page - Integrated Circuit Systems ICS950813 Datasheet HTML 7Page - Integrated Circuit Systems ICS950813 Datasheet HTML 8Page - Integrated Circuit Systems ICS950813 Datasheet HTML 9Page - Integrated Circuit Systems ICS950813 Datasheet HTML 10Page - Integrated Circuit Systems ICS950813 Datasheet HTML 11Page - Integrated Circuit Systems ICS950813 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
ICS950813
Advance Information
0708—10/10/02
Note: See table 8 for Byte 11-14 default information
Pin #
Name
0
1
PWD
Bit 7
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 6
X
AEN
3V66/PCI Freq Source Select
RW
Fix_PLL
Async
CPU_PLL
Sync
1
Bit 5
X
AFS1
Async Freq select bit 1
RW
0
Bit 4
X
AFS0
Async Freq select bit 0
RW
0
Bit 3
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 2
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 1
X
(Reserved)
(Reserved)
RW
-
-
1
Bit 0
X
(Reserved)
(Reserved)
RW
-
-
1
Pin #
Name
0
1
PWD
Bit 7
X
-
(Reserved)
X
-
-
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
0
Bit 4
X
-
(Reserved)
X
-
-
0
Bit 3
X
-
R
-
-
1
Bit 2
X
-
R
-
-
1
Bit 1
X
-
R
-
-
1
Bit 0
X
-
R
-
-
1
Note: Byte 8 is for ICS test only. Do not write as system damage may occur. Bit(2:0) contain the readback Byte count.
Pin #
Name
0
1
PWD
Bit 7
RW
-
-
0
Bit 6
RW
-
-
0
Bit 5
RW
-
-
0
Bit 4
RW
-
-
0
Bit 3
RW
-
-
0
Bit 2
RW
-
-
0
Bit 1
RW
-
-
0
Bit 0
RW
-
-
0
Pin #
Name
0
1
PWD
Bit 7
X
-
M/N Enable (Enable access to
Byte 11 - 14)
RW
HW/B0
Byte
(11-14)
0
Bit 6
X
-
Unused
-
-
-
0
Bit 5
X
RW
-
-
0
Bit 4
X
RW
-
-
0
Bit 3
X
-
Unused
-
-
-
1
Bit 2
X
-
Unused
-
-
-
0
Bit 1
X
-
Unused
-
-
-
1
Bit 0
X
-
Unused
-
-
-
0
13, 12,
11, 10
PCICLK (3:0) Slew Contol
18, 17, 16
PCICLK (6:4) Slew Contol
BYTE
8
BYTE
7
BYTE
9
Affected Pin
7, 6, 5
PCICLK_F (2:0) Slew Contol
Bit Control
Type
Affected Pin
Type
Affected Pin
Control Function
Readback Byte Count
Control Function
BYTE
10
Affected Pin
Bit Control
Bit Control
Control Function
Type
Control Function
35
3V66 (5:2) Skew
Approx 250ps per bit (Ref to PCI)
Type
VCHCLK Slew Control
00 = High(default), 01 = Low,
11,10 = Medium
Bit Control
00 (default), 11 = Medium
01 = Low, 10 =High
00 (default), 11 = Medium
10 = Low, 01 =High
00 (default), 11 = Medium
10 = Low, 01 =High
See Async Freq
Selection Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com