Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS951402 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS951402
Description  Programmable Timing Control Hub for P4 processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951402 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS951402 Datasheet HTML 14Page - Integrated Circuit Systems ICS951402 Datasheet HTML 15Page - Integrated Circuit Systems ICS951402 Datasheet HTML 16Page - Integrated Circuit Systems ICS951402 Datasheet HTML 17Page - Integrated Circuit Systems ICS951402 Datasheet HTML 18Page - Integrated Circuit Systems ICS951402 Datasheet HTML 19Page - Integrated Circuit Systems ICS951402 Datasheet HTML 20Page - Integrated Circuit Systems ICS951402 Datasheet HTML 21Page - Integrated Circuit Systems ICS951402 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
Integrated
Circuit
Systems, Inc.
ICS951402
Advance Information
0660—05/05/05
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
48
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
48
60
W
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX =
3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX =
0.4 V
29
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
0.6
1
ns
48DOT Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
0.8
1
ns
VCH 48 USB Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.2
2
ns
VCH 48 USB Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.3
2
ns
48 DOT Duty Cycle
dt1
1
VT = 1.5 V
45
52.8
55
%
VCH 48 USB Duty Cycle
dt1
1
VT = 1.5 V
45
53.5
55
%
48 DOT Jitter
tjcyc-cyc
1
VT = 1.5 V
183
350
ps
USB to DOT Skew
tsk1
1
VT = 1.5 V (0 OR 180 degrees)
0.43
1
ns
VCH Jitter
tjcyc-cyc
1
VT = 1.5 V
223
350
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD =VDDL 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Output Impedance
RDSP2A
1
VO = VDD*(0.5)
10
20
Ω
Output Impedance
RDSN2A
1
VO = VDD*(0.5)
10
20
Ω
Output High Voltage
VOH2A
IOH = -28 mA
2.4
V
Output Low Voltage
VOL2A
IOL = 19 mA
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-42
mA
Output Low Current
IOL2A
VOL = 0.8 V
33
mA
Rise Time
tr2A
1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.0
ns
Fall Time
tf2A
1
VOH = 2.4 V, VOL = 0.4 V
0.5
2
ns
Duty Cycle
dt2A
1
VT = 1.5 V
45
55
%
Jitter
1
tcyc-cyc
VT = 1.5 V
250.0
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com