Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP4572 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4572 Datasheet HTML 1Page - Monolithic Power Systems MP4572 Datasheet HTML 2Page - Monolithic Power Systems MP4572 Datasheet HTML 3Page - Monolithic Power Systems MP4572 Datasheet HTML 4Page - Monolithic Power Systems MP4572 Datasheet HTML 5Page - Monolithic Power Systems MP4572 Datasheet HTML 6Page - Monolithic Power Systems MP4572 Datasheet HTML 7Page - Monolithic Power Systems MP4572 Datasheet HTML 8Page - Monolithic Power Systems MP4572 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MP4572
High-Efficiency, 2A, 60V, Fully Integrated
Synchronous Buck Converter
MP4572 Rev. 1.0
www.MonolithicPower.com
1
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP4572
is
a fully
integrated,
fixed-
frequency, synchronous step-down converter. It
can achieve up to 2A of continuous output
current with peak current control for excellent
transient response.
The wide 4.5V to 60V input voltage range
accommodates
a
variety
of
step-down
applications in an automotive input environment.
A 2
μA shutdown mode quiescent current makes
the
MP4572
ideal
for
battery-powered
applications.
The MP4572 integrates internal high-side and
low-side power MOSFETs for high efficiency
without an external Schottky diode.
The device employs advanced asynchronous
modulation (AAM), which achieves high efficiency
during light load by scaling down the frequency to
reduce the switching and gate driver losses.
Standard protection features include built-in soft
start,
enable
control,
and
a power
good
indicator. High duty cycle and low-dropout
mode are provided for automotive cold crank
conditions. In addition, the chip provides over-
current protection with valley current detection,
which helps prevent current runaway. It also has
hiccup short-circuit protection (SCP), input under-
voltage
lockout
(UVLO),
and
auto-recovery
thermal protection.
With internal compensation, the MP4572 offers
a very compact solution with a minimal number of
readily available standard external components. It
is available in a QFN-12 (2.5mmx3mm) package.
FEATURES
 Wide 4.5V to 60V Operating Input Range
 2A Continuous Output Current
 High-Efficiency Synchronous Mode Control
 250mΩ/45mΩ Internal Power MOSFETs
 Configurable Frequency Up to 2.2MHz
 180° Out-of-Phase SYNCO Clock
 40μA Quiescent Current
 Low Shutdown Mode Current: 2μA
 FB Tolerance: 1% at Room Temp, 2% at
Full Temp
 Selectable AAM or Forced CCM Operation
at Light Load
 Internal 0.45ms Soft Start
 Remote EN Control
 Power Good (PG) Indicator
 Low-Dropout Mode
 Over-Current Protection (OCP)
 Short-Circuit Protection with Hiccup Mode
 V
IN Under-Voltage Lockout (UVLO)
 Thermal Shutdown
 Available in a QFN-12 (2.5mmx3mm)
Package
APPLICATIONS
 Automotive Infotainment
 Automotive Lamps and LEDs
 Automotive Motor Control
 Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP4572

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MP4570 3M-MP4570 Datasheet
14Kb / 2P
Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
Mar-2005
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF MPS-MP4570GF Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF-P MPS-MP4570GF-P Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results

Similar Description - MP4572

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
2A, 4MHz High Efficiency Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
Monolithic Power System...
MP4571 MPS-MP4571 Datasheet
1Mb / 34P
High-Efficiency, 1A, 60V, Fully Integrated Synchronous Buck Converter
Rev. 1.1 2/22/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com