Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DVHE2800S Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DVHE2800S
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DVHE2800S Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DVHE2800S Datasheet HTML 1Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 2Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 3Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 4Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 5Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 6Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 7Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 8Page - Delta Electronics, Inc. DVHE2800S Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DVHE2800S Series
1X055DSA
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
40 VDC
Junction Temperature Rise to Case
+10°C
Input Voltage (Transient, 1 second)
50 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
50 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
9 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(52 / 55) Grams
DVHE281R9S
DVHE282R5S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
STATIC
Continuous
16
28
40
16
28
40
V
INPUT
Voltage
4
Transient, 1 sec
-
-
50
-
-
50
V
Inhibited
-
-
6
-
-
6
mA
Current
No Load
90
90
mA
Ripple Current
Full Load, 20Hz to 10MHz
100
150
mAp-p
Inhibit Pin Input
4
0
-
1.5
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
4
7
9
11
7
9
11
V
UVLO Turn On
14
15
15.8
14
15
15.8
V
UVLO Turn Off
4
13
14
15
13
14
15
V
VOUT
TCASE = 25°C
1.88
1.90
1.92
2.47
2.50
2.53
V
OUTPUT
Voltage
VOUT
TCASE = -55°C to +125°C
1.84
1.9
1.96
2.44
2.50
2.56
V
Power
3
0
19
0
25
W
Current
3
VOUT
0
10
0
10
A
Ripple Voltage
VOUT
Full Load, 20Hz to 10MHz
150
150
mVp-p
Line Regulation
VOUT
VIN = 16V to 40V
1
10
1
10
mV
Load Regulation
VOUT
No Load to Full Load
15
30
15
30
mV
EFFICIENCY
80
84
83
87
%
Overload
4
10
10
W
LOAD FAULT POWER DISSIPATION
Short Circuit
10
10
W
CAPACITIVE LOAD
4
5000
5000
µF
SWITCHING FREQUENCY
220
260
300
220
260
300
kHz
ISOLATION
500 VDC
100
-
-
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
381
-
-
381
-
kHrs
Load Step Output Transient
VOUT
-
200
350
-
200
350
mVPK
Load Step Recovery
2
Half Load to Full Load
-
200
300
-
200
300
µSec
Line Step Output Transient
4
VOUT
-
100
200
-
150
250
mVPK
Line Step Recovery
2, 4
VIN = 16V to 40V
-
200
300
-
200
300
µSec
Turn On Delay
VOUT
-
-
30
-
-
30
mSec
Turn On Overshoot
VIN = 0V to 28V
-
-
15
-
-
15
mVPK
Notes: 1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com