Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMD28-461SL Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # FMD28-461SL
Description  EMI INPUT FILTERS 28 & 270 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button FMD28-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 9Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 10Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 11Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 12Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
B8-39
CASE V
CASES
3.45 (87.6) Reference
(lead center to lead center)
0.000
0.120 (3.05)
0.250 (6.35)
0.450 (11.43)
0.650 (16.51)
0.850 (21.59)
1.050 (26.67)
1.250 (31.75)
1.380 (35.05)
0.128 dia (3.25)
0.040 dia
(1.02)
PIN-SIDE VIEW CASE V*
Flanged case, down leaded)
MOR Series and FME EMI Filters: Screening – Standard, ES, or 883
Also available in U2, W, Y, and Z cases (Figures 56 and 58 - 60)
*Requires case option designator added to model number: MOR2805SV
See Section A5, Ordering Information.
1
2
3
4
5
6
12
11
10
9
8
7
Maximum dimensions: 3.005 x 1.505 (76.33 x 38.23 mm)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.2) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
Angled corner
indicates pin one.
FIGURE 57: CASE V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com