Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MOR283R3S Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 3 Page - Interpoint Corporation Company

  MOR283R3S Datasheet HTML 1Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MOR SERIES
120 WATT
DC/DC CONVERTERS
SINGLE AND DUAL OUTPUT MODELS
MOR2812S
MOR2815S
MOR283R3D
MOR2805D
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE5
+VOUT
11.88 12.00 12.12
14.85 15.00 15.15
3.25
3.30
3.35
4.95
5.00
5.05
VDC
–VOUT
3.22
3.30
3.38
4.92
5.00
5.08
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
9.2
0
8
±10
206
—±10
206
A
OUTPUT POWER
VIN = 16 to 40 VDC
110
120
666
1006
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
75
120
75
150
50
80
50
80
mV p-p
+VOUT, ±VOUT
10 kHz - 2 MHz
Tc = –55°C to +125°C
50
100
50
120
35
50
35
50
LINE REGULATION
+VOUT
0
20
0
20
25
50
25
50
mV
VIN = 16 to 40 VDC
–VOUT
50
100
50
100
LOAD REGULATION
+VOUT
0
20
0
20
25
50
25
50
mV
–VOUT
50
150
50
150
CROSS REGULATION7
NEGATIVE VOUT
——
6
10
5
8
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 msec
50
50
50
50
V
INPUT CURRENT
NO LOAD
70
130
70
130
70
140
70
140
mA
FULL LOAD
4.72
5.10
3.2
4.67
A
INHIBITED - INH1
10
10
10
10
mA
INHIBITED - INH2
70
70
70
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
50
130
50
130
60
130
60
130
mA p-p
EFFICIENCY
84
86
84
87
76
77
78
81
%
LOAD FAULT1
POWER DISSIPATION
OVERLOAD
30
30
27
30
W
SHORT CIRCUIT2
22
22
22
27
RECOVERY
10
10
10
10
ms
OUTPUT CURRENT
TRIP POINT
12
10
25
25
A
SHORT CIRCUIT2
——
11
9
24
24
STEP LOAD RESP.
50% – 100% — 50%
+VOUT, ± VOUT
TRANSIENT
600
600
250
250
mV pk
RECOVERY3
300
300
200
200
µs
STEP LINE RESP.
16 – 40 – 16 VDC
+VOUT, ± VOUT
TRANSIENT4
600
600
400
400
mV pk
RECOVERY3
300
300
300
300
µs
START-UP
DELAY
10
10
10
10
ms
OVERSHOOT
50
50
25
50
mV pk
INHIBIT PIN CURRENT
UNIT INHIBITED
0.1
1.0
0.1
1.0
0.1
1.0
0.1
1.0
mA
Notes:
1. Load fault conditions are measured with a resistive load.
2. Short circuit is measured with a 10 m W (±10%) load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 µs
5. Output voltage for dual output models is measured at half load.
6. The maximum specification is the total output current/power. Up to 70%
of that total is available from either output provided the other output
maintains a minimum of 15% the total power used.
7. Cross regulation percentages are for the following conditions:
+Po = 30% and –Po = 70%
+Po = 10% and –Po = 50%
+Po = 70% and –Po = 30%
+Po = 50% and –Po = 10%
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com