Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSF-461 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # MSF-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSF-461 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  MSF-461 Datasheet HTML 1Page - Interpoint Corporation Company MSF-461 Datasheet HTML 2Page - Interpoint Corporation Company MSF-461 Datasheet HTML 3Page - Interpoint Corporation Company MSF-461 Datasheet HTML 4Page - Interpoint Corporation Company MSF-461 Datasheet HTML 5Page - Interpoint Corporation Company MSF-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B8-8
CASE C
CASES
CASE C
BOTTOM VIEW
See Figures 9 - 11
for pin configurations.
1.075 max
(27.31)
Materials
Header Case C1
Cold Rolled Steel/Nickel/Gold
Cases C2 and C3
Kovar/Nickel/Tin
Cover
Case C1
Cold Rolled Steel/Nickel
Cases C2 and C3
Kovar/Nickel/Tin
Pins
Case C1
Copper/Nickel/Gold
Cases C2 and C3
Kovar/Nickel/Gold,
matched glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
1.075 max
(27.31)
CAUTION
Heat from reflow or wave soldering may
damage
the
device.
Solder
pins
individually with heat application not
exceeding 300
°C for 10 seconds per
pin.
Dot on top of case
indicates pin one
0.000
0.132
(3.35)
0.932
(23.67)
876
5
4
3
2
1
0.025
(0.64)
dia.
MSA Series: Screening – Standard, ES, or 883
SMSA Series: Screening – Space Standard, H, or K
BOTTOM VIEW CASE C1
Projection Weld
Seam Seal
Squared corner and dot on
top of case indicate pin one.
12
9
10
17
18
0.018
±0.002 dia.
(0.46
±0.05)
Pins equally
spaced
Marker bead
on pin 18
MSR Series: Screening – Standard or ES
HR40 Series: No screening options
BOTTOM VIEW CASE C2
Dot on top of case
indicates pin one
0.100 (2.54)
0.800 (20.32)
0.800 (20.32
12
4
5
9
0.018
±0.002 dia.
(0.46
±0.05)
6
7
MSF EMI Filter: Screening – Standard or ES
8
BOTTOM VIEW CASE C3
Dot on top of case
indicates pin one
0.800 (20.32
3
Seam Seal
FIGURE 9:
CASE C1
FIGURE 10:
CASE C2
FIGURE 11:
CASE C3
FIGURE 8: CASE C
MAXIMUM DIMENSIONS
Note: Although every effort has been
made to render the case drawings at
actual size, variations in the printing
process may cause some distortion.
Please refer to the numerical dimen-
sions for accuracy.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com