Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RV241K07 Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # RV241K07
Description  Standard and High Energy Metal Oxide Varistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RV241K07 Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

Back Button RV241K07 Datasheet HTML 2Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 3Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 4Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 5Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 6Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 7Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 8Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 9Page - Stackpole Electronics, Inc. RV241K07 Datasheet HTML 10Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Rev Date: 2/14/2022
6
www.seielect.com
This Specifications may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RV / RV-HE Series
Standard and High Energy Metal Oxide Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
RV-HE Electrical Specifications
– 25 mm
VN
IC
IMAX
WMAX
CTYP
(1 mA)
(8/20 uSec) (8/20 uSec) (10/1000 uSec)
(@ 1 kHz)
(V)
(V)
(V)
(V)
(A)
(A)
(J)
(W)
(pF)
(mm)
RV201K25_-HE
200
130
170
340
150
18000
190
1.2
3200
5.7
RV241K25_-HE
240
150
200
395
150
18000
220
1.2
2650
5.9
RV271K25_-HE
270
175
225
455
150
18000
255
1.2
2400
6.1
RV361K25_-HE
360
230
300
595
150
18000
330
1.2
1750
6.7
RV391K25_-HE
390
250
320
650
150
18000
360
1.2
1600
6.9
RV431K25_-HE
430
275
350
710
150
18000
380
1.2
1500
7.2
RV471K25_-HE
470
300
385
775
150
18000
400
1.2
1400
7.5
RV511K25_-HE
510
320
415
845
150
18000
420
1.2
1250
7.5
RV621K25_-HE
620
385
505
1025
150
18000
450
1.2
1050
8.0
RV681K25_-HE
680
420
560
1120
150
18000
460
1.2
950
8.3
RV751K25_-HE
750
460
615
1240
150
18000
510
1.2
850
8.7
RV781K25_-HE
780
485
640
1290
150
18000
530
1.2
800
8.8
RV821K25_-HE
820
510
670
1355
150
18000
570
1.2
750
8.6
RV911K25_-HE
910
550
745
1500
150
18000
620
1.2
700
9.5
RV102K25_-HE
1000
625
825
1650
150
18000
685
1.2
650
10.0
RV122K25_-HE
1200
750
990
1980
150
18000
792
1.2
550
11.0
tmax = maximum part thickness
VC
PMAX
tMAX
Part Number
VRMS
VDC
Test
Test Method
Specification
Test voltage: 2500 AC
The specified voltage shall be applied both terminals of the specimen
connected together and metal foil closely wrapped round its body for 1 minute.
Electrical breakdown shall be examined.
Withstanding Voltage
(Body Insulation)
No breakdown
To meet the specified
value.
Maximum Peak Current
(Withstanding Surge Current)
(Imax)
The maximum current within the varistor voltage change of ± 10% with the
standard impulse current (8/20 us) applied one time.
Δ VcmA / VcmA ≤ ± 10%
No damage.
The maximum energy within the varistor voltage change of ± 10% when one
impulse of 2 ms or 10/1000 us is applied.
To meet the specified
value.
Maximum Energy (Joule)
(Wmax)
The voltage between two terminals with the specified measuring current 1mA
DC applied is called V 1mA. The measurement shall be made as fast as
possible to avoid heat effect.
Varistor Voltage
(Vn)
The maximum sinusoidal RMS voltage or maximum DC voltage that can be
applied continuously in the specified environmental temperature range.
Maximum Allowable Voltage
(Vrms and Vdc)
The maximum voltage between two terminal with the specified standard
impulse current (8/20 us) illustrated below applied.
Clamping Voltage (Max.)
(Vc)
No visible damage.
Robustness of Terminations
(Tensile)
After gradually applying the force specified below and keeping the unit fixed for
ten seconds, the terminal shall be visually examined for any damage.
Φ 0.024
Φ 0.6
9.8N (1 kg)
Φ 0.031
Φ 0.8
9.8N (1 kg)
Φ 0.039
Φ 1
19.6N (2 kg)
Terminal Diameter
Force
Inches
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com